Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC920FDH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P89LPC920FDH
Description  8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC920FDH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P89LPC920FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Philips Semiconductors
P89LPC920/921/922
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 06 — 21 November 2003
7 of 45
9397 750 12285
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
P1.0 - P1.7
12, 11, 10,
9, 8, 4, 3,
2
I/O, I [1] Port 1: Port 1 is an 8-bit I/O port with a user-configurable output type, except for three
pins as noted below. During reset Port 1 latches are configured in the input only mode
with the internal pull-up disabled. The operation of the configurable Port 1 pins as inputs
and outputs depends upon the port configuration selected. Each of the configurable
port pins are programmed independently. Refer to Section 8.12.1 “Port configurations”
and Table 8 “DC electrical characteristics” for details. P1.2 - P1.3 are open drain when
used as outputs. P1.5 is input only.
All pins have Schmitt triggered inputs.
Port 1 also provides various special functions as described below:
12
I/O
P1.0 — Port 1 bit 0.
O
TXD — Transmitter output for the serial port.
11
I/O
P1.1 — Port 1 bit 1.
I
RXD — Receiver input for the serial port.
10
I/O
P1.2 — Port 1 bit 2 (open-drain when used as output).
I/O
T0 — Timer/counter 0 external count input or overflow output (open-drain when used as
output).
I/O
SCL — I2C serial clock input/output.
9
I/O
P1.3 — Port 1 bit 3 (open-drain when used as output).
I
INT0 — External interrupt 0 input.
I/O
SDA — I2C serial data input/output.
8
I/O
P1.4 — Port 1 bit 4.
I
INT1 — External interrupt 1 input.
4I
P1.5 — Port 1 bit 5 (input only).
I
RST — External Reset input (if selected via FLASH configuration). A LOW on this pin
resets the microcontroller, causing I/O ports and peripherals to take on their default
states, and the processor begins execution at address 0.
3
I/O
P1.6 — Port 1 bit 6.
2
I/O
P1.7 — Port 1 bit 7.
Table 3:
Pin description…continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com