Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC920FDH Datasheet(PDF) 16 Page - NXP Semiconductors

Part # P89LPC920FDH
Description  8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC920FDH Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button P89LPC920FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 16Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 18Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Philips Semiconductors
P89LPC920/921/922
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 06 — 21 November 2003
16 of 45
9397 750 12285
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
8.6 CPU Clock (CCLK) wake-up delay
The P89LPC920/921/922 has an internal wake-up timer that delays the clock until it
stabilizes depending to the clock source used. If the clock source is any of the three
crystal selections (low, medium and high frequencies) the delay is 992 OSCCLK
cycles plus 60 to 100
µs. If the clock source is either the internal RC oscillator,
watchdog oscillator, or external clock, the delay is 224 OSCCLK cycles plus
60 to 100
µs.
8.7 CPU Clock (CCLK) modification: DIVM register
The OSCCLK frequency can be divided down up to 510 times by configuring a
dividing register, DIVM, to generate CCLK. This feature makes it possible to
temporarily run the CPU at a lower rate, reducing power consumption. By dividing the
clock, the CPU can retain the ability to respond to events that would not exit Idle
mode by executing its normal program at a lower rate. This can also allow bypassing
the oscillator start-up time in cases where Power-down mode would otherwise be
used. The value of DIVM may be changed by the program at any time without
interrupting code execution.
8.8 Low power select
The P89LPC920/921/922 is designed to run at 12 MHz (CCLK) maximum. However,
if CCLK is 8 MHz or slower, the CLKLP SFR bit (AUXR1.7) can be set to ‘1’ to lower
the power consumption further. On any reset, CLKLP is ‘0’ allowing highest
performance access. This bit can then be set in software if CCLK is running at 8 MHz
or slower.
8.9 Memory organization
The various P89LPC920/921/922 memory spaces are as follows:
• DATA
128 bytes of internal data memory space (00h:7Fh) accessed via direct or indirect
addressing, using instruction other than MOVX and MOVC. All or part of the Stack
may be in this area.
• IDATA
Indirect Data. 256 bytes of internal data memory space (00h:FFh) accessed via
indirect addressing using instructions other than MOVX and MOVC. All or part of
the Stack may be in this area. This area includes the DATA area and the 128 bytes
immediately above it.
• SFR
Special Function Registers. Selected CPU registers and peripheral control and
status registers, accessible only via direct addressing.
• CODE
64 kB of Code memory space, accessed as part of program execution and via the
MOVC instruction. The P89LPC920/921/922 has 2 kB/4 kB/8 kB of on-chip Code
memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com