Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC920FDH Datasheet(PDF) 36 Page - NXP Semiconductors

Part # P89LPC920FDH
Description  8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC920FDH Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button P89LPC920FDH Datasheet HTML 32Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 33Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 34Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Philips Semiconductors
P89LPC920/921/922
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 06 — 21 November 2003
36 of 45
9397 750 12285
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[2]
The IDD, IID, and IPD specifications are measured using an external clock with the following functions disabled: comparators, brownout
detect, and Watchdog timer.
[3]
See Table 7 “Limiting values” on page 34 for steady state (non-transient) limits on IOL or IOH. If IOL/IOH exceeds the test condition,
VOL/VOH may exceed the related specification.
[4]
Pin capacitance is characterized but not tested.
[5]
Measured with port in quasi-bidirectional mode.
[6]
Measured with port in high-impedance mode.
[7]
Ports in quasi-bidirectional mode with weak pull-up (applies to all port pins with pull-ups). Does not apply to open-drain pins.
[8]
Port pins source a transition current when used in quasi-bidirectional mode and externally driven from ‘1’ to ‘0’. This current is highest
when VIN is approximately 2 V.
11. Dynamic characteristics
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Parts are tested to 2 MHz, but are guaranteed to operate down to 0 Hz.
Table 9:
AC characteristics
Tamb = −40 °C to +85 °C for industrial, unless otherwise specified.[1]
Symbol
Parameter
Conditions
Variable clock
fOSC =12MHz
Unit
Min
Max
Min
Max
fRCOSC
internal RC oscillator frequency
(nominal f = 7.3728 MHz)
trimmed to
±1%
at Tamb =25 °C
7.189
7.557
7.189
7.557
MHz
fWDOSC
internal Watchdog oscillator
frequency (nominal f = 400 kHz)
280
480
280
480
kHz
fOCS
oscillator frequency
0
12
-
-
MHz
tCLCL
clock cycle
see Figure 13
83
-
-
-
ns
fCLKP
CLKLP active frequency
0
8
-
-
MHz
Glitch filter
glitch rejection, P1.5/RST pin
-
50
-
50
ns
signal acceptance, P1.5/RST pin
125
-
125
-
ns
glitch rejection, any pin except
P1.5/RST
-
15
-
15
ns
signal acceptance, any pin except
P1.5/RST
50
-
50
-
ns
External clock
tCHCX
HIGH time
see Figure 13
33
tCLCL − tCLCX
33
-
ns
tCLCX
LOW time
see Figure 13
33
tCLCL − tCHCX
33
-
ns
tCLCH
rise time
see Figure 13
-8
-
8
ns
tCHCL
fall time
see Figure 13
-8
-
8
ns
Shift register (UART mode 0)
tXLXL
serial port clock cycle time
16 tCLCL
-
1333
-
ns
tQVXH
output data set-up to clock rising
edge
13 tCLCL
-
1083
-
ns
tXHQX
output data hold after clock rising
edge
-tCLCL + 20
-
103
ns
tXHDX
input data hold after clock rising edge
-
0
-
0
ns
tDVXH
input data valid to clock rising edge
150
-
150
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com