Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2378E Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2378E
Description  8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC ±15KV ESD PROTECTION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2378E Datasheet(HTML) 1 Page - STMicroelectronics

  ST2378E Datasheet HTML 1Page - STMicroelectronics ST2378E Datasheet HTML 2Page - STMicroelectronics ST2378E Datasheet HTML 3Page - STMicroelectronics ST2378E Datasheet HTML 4Page - STMicroelectronics ST2378E Datasheet HTML 5Page - STMicroelectronics ST2378E Datasheet HTML 6Page - STMicroelectronics ST2378E Datasheet HTML 7Page - STMicroelectronics ST2378E Datasheet HTML 8Page - STMicroelectronics ST2378E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
February 2004
s
HIGH SPEED: tPD = 15ns (MAX.) at TA = 85°C
VL =1.8V; VCC =5.5V
s
GUARANTEED DATA RATE:
13Mbps (1.8V
≤ V
L ≤ VCC ≤ 5.5V)
s
LOW POWER DISSIPATION:
ITS-VL =ITS-VCC =1µA(MAX.) atTA = 85°C
IQVL = 100µA(MAX.) atTA = 85°C
IQCC =10µA(MAX.) at TA =85°C
s
OUTPUT IMPEDANCE:
|IOHA|= 20 µA(MIN.) at VL=1.8V VCC=5.5V
IOLA = 1.0 mA (MIN.) at VL=1.8V VCC=5.5V
s
BIDIRECTIONAL LEVEL TRANSLATION
s
TOTEM POLE AND OPEN DRAIN DRIVING
FOR I2C COMMUNICATIONS
s
5V TOLERANT ON ENABLE PIN
s
THERMAL SHORT-CIRCUIT PROTECTION
s
WIDE OPERATING VOLTAGE RANGE:
VL(OPR) = 1.71V to VCC
VCC(OPR) = 1.71V to 5.5V
s
ESD PERFORMANCE:
HBM > 15KV ESD PROTECTION ON I/OVCC LINES
s
LEADFREE FLIPCHIP AND TSSOP PACKAGES
DESCRIPTION
The ST2378E is a ±15kV ESD-protected level
translator providing the level shifting necessary to
allow data transfer in a multi-voltage system.
Externally applied voltages, VCC and VL,set the
logic levels on either side of the device. It utilizes a
transmission-gate-based design to allow data
translation in either direction (VL <-> VCC) on any
single data line. The ST2378E accepts VL from
+1.71V to VCC and VCC from +1.71V to +5.5V,
making them ideal for data transfer between
low-voltage
ASICs/PLDs
and
higher
voltage
systems. The ST2378E has a three-state output
mode that reduces supply current to less than
1µA, thermal short-circuit protection, and ±15kV
ESD protection on the VCC side for greater
protection
in applications that route signals
externally.
The ST2378E operates at a guaranteed data rate
of 13Mbps over the entire specified operating
voltage range. Within specific voltage domains,
higher data rates are possible.
ST2378E
8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR
WITH I/OVCC ±15KV ESD PROTECTION
BLOCK DIAGRAM
TSSOP
Flip-Chip


Similar Part No. - ST2378E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2378E STMICROELECTRONICS-ST2378E Datasheet
275Kb / 22P
8-bit dual supply 1.71V to 5.5V level translator with I/O VCC 짹 15KV ESD protection
10-Apr-2006
ST2378E-06 STMICROELECTRONICS-ST2378E-06 Datasheet
275Kb / 22P
8-bit dual supply 1.71V to 5.5V level translator with I/O VCC 짹 15KV ESD protection
10-Apr-2006
ST2378EBJR STMICROELECTRONICS-ST2378EBJR Datasheet
275Kb / 22P
8-bit dual supply 1.71V to 5.5V level translator with I/O VCC 짹 15KV ESD protection
10-Apr-2006
ST2378ETTR STMICROELECTRONICS-ST2378ETTR Datasheet
275Kb / 22P
8-bit dual supply 1.71V to 5.5V level translator with I/O VCC 짹 15KV ESD protection
10-Apr-2006
More results

Similar Description - ST2378E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
logo
STMicroelectronics
ST2378E-06 STMICROELECTRONICS-ST2378E-06 Datasheet
275Kb / 22P
8-bit dual supply 1.71V to 5.5V level translator with I/O VCC 짹 15KV ESD protection
10-Apr-2006
logo
Maxim Integrated Produc...
MAX3000E MAXIM-MAX3000E_08 Datasheet
216Kb / 25P
1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Rev 5; 8/08
logo
ON Semiconductor
NLSV8T240 ONSEMI-NLSV8T240 Datasheet
118Kb / 6P
8-Bit Dual-Supply Inverting Level Translator
July, 2008 ??Rev. 0
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSX3013 ONSEMI-NLSX3013 Datasheet
154Kb / 10P
8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
March, 2009 ??Rev. 2
NLSV8T240 ONSEMI-NLSV8T240_12 Datasheet
120Kb / 6P
8-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSX3013 ONSEMI-NLSX3013_15 Datasheet
95Kb / 10P
8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
January, 2015 ??Rev. 3
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
NLSX3013 ONSEMI-NLSX3013_17 Datasheet
96Kb / 10P
8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com