Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2378E Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST2378E
Description  8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC ±15KV ESD PROTECTION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2378E Datasheet(HTML) 2 Page - STMicroelectronics

  ST2378E Datasheet HTML 1Page - STMicroelectronics ST2378E Datasheet HTML 2Page - STMicroelectronics ST2378E Datasheet HTML 3Page - STMicroelectronics ST2378E Datasheet HTML 4Page - STMicroelectronics ST2378E Datasheet HTML 5Page - STMicroelectronics ST2378E Datasheet HTML 6Page - STMicroelectronics ST2378E Datasheet HTML 7Page - STMicroelectronics ST2378E Datasheet HTML 8Page - STMicroelectronics ST2378E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ST2378E
2/14
FUNCTIONAL DIAGRAM (1 I/O LINE)
ORDERING CODES
PIN DESCRIPTION
PIN CONFIGURATION
Type
Temperature
Range
Package
Comments
ST2378EBJR
-40 to 85 °C
Flip-Chip20 (Tape & Reel)
3000 parts per reel
ST2378ETTR
-40 to 85 °C
TSSOP20 (Tape & Reel)
2500 parts per reel
FLIPCHIP20 PIN N°
TSSOP20 PIN N°
SYMBOL
NAME AND FUNCTION
E2, D1, D2, C1, C2, B1, B2, A1
2, 18, 4, 16, 6, 14, 8, 12
I/OVL1 to I/OVL8
Data Inputs/Outputs
E3, D4, D3, C4, C3, B4, B3, A4
19, 3, 17, 5, 15, 7, 13, 9
I/OVCC1 to I/OVCC8
Data Inputs/Outputs
A2
11
OE
Output Enable Inputs
A3
10
GND
Ground (0V)
E1
1
VL
Positive Supply Voltage
E4
20
VCC
Positive Supply Voltage
TSSOP (Top View)
Flip-Chip (Bottom View)
Bump Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com