Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2378E Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST2378E
Description  8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC ±15KV ESD PROTECTION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2378E Datasheet(HTML) 5 Page - STMicroelectronics

  ST2378E Datasheet HTML 1Page - STMicroelectronics ST2378E Datasheet HTML 2Page - STMicroelectronics ST2378E Datasheet HTML 3Page - STMicroelectronics ST2378E Datasheet HTML 4Page - STMicroelectronics ST2378E Datasheet HTML 5Page - STMicroelectronics ST2378E Datasheet HTML 6Page - STMicroelectronics ST2378E Datasheet HTML 7Page - STMicroelectronics ST2378E Datasheet HTML 8Page - STMicroelectronics ST2378E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ST2378E
5/14
1) Typical values are referred to TA=25°C
2) Power Supply Range: VL,VCC 1.8V±5%, 2.5±0.2V, 3.3±0.3V, 5.0±0.5V
5) For normal operation, ensure VL<(VCC + 0.3V). During power-up, VL >(VCC + 0.3V) will not damage the device
AC ELECTRICAL CHARACTERISTICS
1) Typical values are referred to TA=25°C
2) Power Supply Range: VL,VCC 1.8V±5%, 2.5±0.2V, 3.3±0.3V, 5.0±0.5V.
3) Rise Time:10% to 90%, Fall Time 90% to 10%
4) tpd: 50% to 50%
5) For normal operation, ensure VL<(VCC + 0.3V). During power-up, VL >(VCC + 0.3V) will not damage the device
6) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device
switching in the same direction, either HIGH or LOW (tOSLH =| tPLHm -tPLHn|, tOSHL =|tPHLm -tPHLn|
7) Each translator equally loaded; parameter guaranteed by design
8) For VCC =VL =1.8V, tr =tf ≤ 4ns
ITS-VCC High Impedance
Mode Quiescent
Supply Current VCC
1.8to5.5 VL to 5.5
OE= GND
11
µA
ITS-VL
High Impedance
Mode Quiescent
Supply Current VL
1.8to5.5 VL to 5.5
OE= GND
I/OVL =GND or VL
I/OVCC =GND or
VCC
11
µA
Symbol
Parameter
Test Condition
Value
Unit
VL(*)
(V)
VCC(*)
(V)
TA =25°C
-40to 85°C
Min.
Typ
Max.
Min.
Max.
Symbol
Parameter
Test Condition(5)
Value
Unit
CL=15pF tr=tf ≤ 6ns
Driver output
RT ≤ 50Ω
(8)
-40 to +85 °C
VL (V)
(2)
VCC (V)
(2)
Min.
Typ.(1)
Max.
tRVCC
Rise Time I/OVCC
(3)(8)
1.8
1.8
11
15
ns
1.8
5.0
9
15
tFVCC
Fall Time I/OVCC
(3)
1.8
1.8
6
15
ns
1.8
5.0
10
15
tRVL
Rise Time I/OVL
(3)
1.8
1.8
12
15
ns
1.8
5.0
10
15
tFVL
Fall Time I/OVL
(3)
1.8
1.8
7
15
ns
1.8
5.0
7
15
tIOVL-VCC Propagation Delay Time(4)
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
1.8
1.8
6
15
ns
1.8
5.0
7
15
tPHL
1.8
1.8
5
15
1.8
5.0
8
15
tIOVCC-VL
Propagation Delay Time(4)
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-HL
tPLH
1.8
1.8
2
15
ns
1.8
5.0
2
15
tPHL
1.8
1.8
5
15
1.8
5.0
6
15
tPZL tPZH
tPLZ tPHZ
Output Enable and Disable Time
1.8
1.8
38
60
ns
1.8
5.0
44
60
DR
Maximum Data Rate
1.8
1.8
13
Mbps
1.8
5.0
13
tOSLH
tOSHL
Channel to Channel Skew Time
(note 6, 7)
1.8
1.8
0.1
1
ns
1.8
5.0
0.5
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com