Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2378EBJR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST2378EBJR
Description  8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC ±15KV ESD PROTECTION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2378EBJR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST2378EBJR Datasheet HTML 3Page - STMicroelectronics ST2378EBJR Datasheet HTML 4Page - STMicroelectronics ST2378EBJR Datasheet HTML 5Page - STMicroelectronics ST2378EBJR Datasheet HTML 6Page - STMicroelectronics ST2378EBJR Datasheet HTML 7Page - STMicroelectronics ST2378EBJR Datasheet HTML 8Page - STMicroelectronics ST2378EBJR Datasheet HTML 9Page - STMicroelectronics ST2378EBJR Datasheet HTML 10Page - STMicroelectronics ST2378EBJR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ST2378E
7/14
AC ELECTRICAL CHARACTERISTICS - OPEN-DRAIN DRIVING
1) Typical values are referred to TA=25°C
2) Power Supply Range: VL,VCC 1.8V±5%, 2.5±0.2V, 3.3±0.3V, 5.0±0.5V.
3) Rise Time:10% to 90%, Fall Time 90% to 10%
4) tpd: 50% to 50%
5) For normal operation, ensure VL<(VCC + 0.3V). During power-up, VL >(VCC + 0.3V) will not damage the device
6) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device
switching in the same direction, either HIGH or LOW (tOSLH =| tPLHm -tPLHn|, tOSHL =|tPHLm -tPHLn|
7) Each translator equally loaded; parameter guaranteed by design
Symbol
Parameter
Test Condition(5)
Value
Unit
CL=15pF
Driver output
RT ≤ 50Ω
-40 to +85 °C
VL (V)
(2)
VCC (V)
(2)
Min.
Typ.(1)
Max.
tRVCC
Rise Time I/OVCC
(3)
1.8
1.8
210
300
ns
1.8
5.0
59
150
tFVCC
Fall Time I/OVCC
(3)
1.8
1.8
12
30
ns
1.8
5.0
20
30
tRVL
Rise Time I/OVL
(3)
1.8
1.8
210
300
ns
1.8
5.0
96
150
tFVL
Fall Time I/OVL
(3)
1.8
1.8
11
30
ns
1.8
5.0
11
30
tIOVL-VCC Propagation Delay Time(4)
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
1.8
1.8
210
300
ns
1.8
5.0
100
150
tPHL
1.8
1.8
7
20
1.8
5.0
14
20
tIOVCC-VL
Propagation Delay Time(4)
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-HL
tPLH
1.8
1.8
210
300
ns
1.8
5.0
57
150
tPHL
1.8
1.8
7
20
1.8
5.0
8
20
DR
Maximum Data Rate
1.8
1.8
800
Kbps
1.8
5.0
800
tOSLH
tOSHL
Channel to Channel Skew Time
(note 6, 7)
1.8
1.8
10
20
ns
1.8
5.0
2
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com