Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2378EBJR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST2378EBJR
Description  8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC ±15KV ESD PROTECTION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2378EBJR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST2378EBJR Datasheet HTML 6Page - STMicroelectronics ST2378EBJR Datasheet HTML 7Page - STMicroelectronics ST2378EBJR Datasheet HTML 8Page - STMicroelectronics ST2378EBJR Datasheet HTML 9Page - STMicroelectronics ST2378EBJR Datasheet HTML 10Page - STMicroelectronics ST2378EBJR Datasheet HTML 11Page - STMicroelectronics ST2378EBJR Datasheet HTML 12Page - STMicroelectronics ST2378EBJR Datasheet HTML 13Page - STMicroelectronics ST2378EBJR Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ST2378E
11/14
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.810.891.0031.935.0
39.4
A1
0.15
0.24
0.35
5.9
9.4
13.8
A2
0.65
25.6
b
0.25
0.30
0.35
9.8
11.8
13.8
D
2.412.462.5194.996.9
98.8
D1
2.00
78.7
E
1.931.982.0376.078.0
79.9
E1
1.5
59.1
e0.50
19.7
SE
0.25
9.8
Flip-Chip20 MECHANICAL DATA
7487339-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com