Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2378EBJR Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST2378EBJR
Description  8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC ±15KV ESD PROTECTION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2378EBJR Datasheet(HTML) 3 Page - STMicroelectronics

  ST2378EBJR Datasheet HTML 1Page - STMicroelectronics ST2378EBJR Datasheet HTML 2Page - STMicroelectronics ST2378EBJR Datasheet HTML 3Page - STMicroelectronics ST2378EBJR Datasheet HTML 4Page - STMicroelectronics ST2378EBJR Datasheet HTML 5Page - STMicroelectronics ST2378EBJR Datasheet HTML 6Page - STMicroelectronics ST2378EBJR Datasheet HTML 7Page - STMicroelectronics ST2378EBJR Datasheet HTML 8Page - STMicroelectronics ST2378EBJR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ST2378E
3/14
TRUTH TABLE
X=Don’t care; Z=High Impedance;
1) High Level VL Power Supply referred
2) High Level VCC Power Supply referred
3) Thermal Protection disabled reduces the quiescent current consumption ITS-VCC=ITS-VL=1µA Max at 85°C
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW:
≅ 65°C derated to 300mW by 10mW/°C: 65°C to 85°C
RECOMMENDED OPERATING CONDITIONS
1) VOE from 10% VL to 90%VL
2) VIOVL from 10%VL to 90%VL;VIOVCC from 10%VCC to 90%VCC
Control Pin
Bidirectional Input/Outputs
Thermal Protection
OE
I/OVL
I/OVCC
H(1)
H(1)
H(2)
Enabled
H(1)
L
L
Enabled
LZ
Z
Disabled(3)
Symbol
Parameter
Value
Unit
VL
Supply Voltage
-0.3 to VCC
V
VCC
Supply Voltage
-0.3 to +7.0
V
VOE
DC Control Input Voltage
-0.3 to +7.0
V
VI/OVL
DC I/OVL Input Voltage (OE = Gnd or VL)
-0.3toVL +0.3
V
VI/OVCC
DC I/OVCC Input Voltage (OE = Gnd or VL)-0.3 to VCC +0.3
V
IIK
DC Input Diode Current (OE Control Pin)
− 20
mA
IIOVL
DC Output Current
± 25
mA
IIOVCC
DC Output Current
± 25
mA
ISCTOUT
Short Circuit Duration I/OVL, I/OVCC Driven from 40mA Source
Continuous
mA
ICCB
DC VCC or Ground Current
± 100
mA
Pd
Power Dissipation(*)
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VL
Supply Voltage
1.71 to VCC
V
VCC
Supply Voltage
1.71 to 5.5
V
VI
Input Voltage (OE Output Enable Pin, VL Power Supply referred)
0 to 5.5
V
VI/OVL
I/OVL Voltage
0 to VL
V
VI/OVCC
I/OVCC Voltage
0 to VCC
V
Top
Operating Temperature
-40to85
°C
dt/dv
Input Rise and Fall Time (OE Control Pin) (1)
0 to 10
ns/V
dt/dv
Input Rise and Fall Time (2)
1.71 < VL <VCC <5V
0 to 10
ns/V
VCC =VL =5V
0to 3
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com