Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM78 Datasheet(PDF) 26 Page - Microchip Technology

Part # BM78
Description  Bluetooth짰 4.2 Dual-Mode Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM78 Datasheet(HTML) 26 Page - Microchip Technology

Back Button BM78 Datasheet HTML 22Page - Microchip Technology BM78 Datasheet HTML 23Page - Microchip Technology BM78 Datasheet HTML 24Page - Microchip Technology BM78 Datasheet HTML 25Page - Microchip Technology BM78 Datasheet HTML 26Page - Microchip Technology BM78 Datasheet HTML 27Page - Microchip Technology BM78 Datasheet HTML 28Page - Microchip Technology BM78 Datasheet HTML 29Page - Microchip Technology BM78 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
BM78
DS60001380A-Page 26
Advance Information
 2016 Microchip Technology Inc.
Figure 3-4 illustrates Auto Pattern transparent pipe. If
MCU wants to send data (12345) to the remote side,
the data should be in the.hex format to the BM78 and
the BM78 transmits the received data to the remote
side. Similarly, if the BM78 receives data from the
remote host, it sends the data in the.hex format to the
MCU.
FIGURE 3-4:
AUTO PATTERN TRANSPARENT PIPE
3.2
Manual Pattern
In Manual Pattern, the MCU communicates with the
BM78 using command sets. The MCU must send cor-
rect commands to handle the state of the BM78. The
change in the BM78 state is based on the MCU com-
mands.
The data pipe for Manual Pattern is different from Auto
Pattern. Since the MCU is communicating with the
MCU by command sets, the data transmission will fol-
low the command set rule. This is defined as protocol
pipe. In Manual Pattern, the MCU can get the detail sta-
tus by the BM78_Status_Report event.
Figure 3-5 illustrates the characteristics of Manual Pat-
tern.
FIGURE 3-5:
MANUAL PATTERN CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com