Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM78 Datasheet(PDF) 13 Page - Microchip Technology

Part # BM78
Description  Bluetooth짰 4.2 Dual-Mode Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM78 Datasheet(HTML) 13 Page - Microchip Technology

Back Button BM78 Datasheet HTML 9Page - Microchip Technology BM78 Datasheet HTML 10Page - Microchip Technology BM78 Datasheet HTML 11Page - Microchip Technology BM78 Datasheet HTML 12Page - Microchip Technology BM78 Datasheet HTML 13Page - Microchip Technology BM78 Datasheet HTML 14Page - Microchip Technology BM78 Datasheet HTML 15Page - Microchip Technology BM78 Datasheet HTML 16Page - Microchip Technology BM78 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001380A-Page 13
BM78
2.5
Software Button (SW_BTN)
The Software Button (SW_BTN) input pin powers the
BM78 ON (high) or OFF (low) into the S4 mode. The S4
mode is the Deep-sleep mode and the S2 mode is the
Sleep mode. The S4 mode can only be triggered by the
SW_BTN pin, and the power consumption is lower in
the S4 mode.
Figure 2-2 through Figure 2-4 display the waveforms
for the BM78 in the high and low status, that is access
and link status.
FIGURE 2-2:
SW_BTN TIME (HIGH) AT APP MODE(1,2,3,4,5)
Note 1: MCU can send UART command, refer to Table 2-3.
2: Time duration (475 ms) is for reference purpose only, check the status pin.
3: Reset is ‘no connect’.
4: Time is configured as default setting.
5: Data corresponds to the BM78SPPx5NC2 (ROM variant) module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com