Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM78 Datasheet(PDF) 43 Page - Microchip Technology

Part # BM78
Description  Bluetooth짰 4.2 Dual-Mode Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM78 Datasheet(HTML) 43 Page - Microchip Technology

Back Button BM78 Datasheet HTML 39Page - Microchip Technology BM78 Datasheet HTML 40Page - Microchip Technology BM78 Datasheet HTML 41Page - Microchip Technology BM78 Datasheet HTML 42Page - Microchip Technology BM78 Datasheet HTML 43Page - Microchip Technology BM78 Datasheet HTML 44Page - Microchip Technology BM78 Datasheet HTML 45Page - Microchip Technology BM78 Datasheet HTML 46Page - Microchip Technology BM78 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001380A-Page 43
BM78
7.0
REFLOW PROFILE
The BM78 should be assembled using a standard
lead-free reflow profile, IPC/JEDEC J-STD-020. The
BM78 can be soldered to the host PCB by using the
standard leaded and lead-free solder reflow profile.
To avoid damage to the module, follow these recom-
mendations:
• Follow solder reflow recommendations provided
in Microchip Technology Application Note “AN233
Solder Reflow Recommendation (DS00233)”.
• Refer to the solder paste data sheet for specific
reflow profile recommendations.
• Do not exceed the peak temperature (TP) of
250ºC.
• Use no-clean flux solder paste.
• Do not wash as moisture can be trapped under
the shield.
• Use only one flow. If the PCB requires multiple
flows, apply the module on the final flow.
• Standard: IPC/JEDEC J-STD-020.
- Condition: Preheat:150~200
℃ for 60~120
seconds.
- Average ramp-up rate (217
℃ to peak): 3 ℃
sec max.
- Temperature maintained above 217: 60~150
seconds.
-Time within 5
℃ of peak temperature: 30 ~ 40
seconds.
- Peak temperature: 260 +5/-0
℃ .
- Ramp-down rate (peak to 217): 6
℃ /sec.
max.
- Time 25
℃ to peak temperature: 8 minutes
max.
- Cycle interval 5 minutes.
FIGURE 7-1:
REFLOW PROFILE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com