Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM62 Datasheet(PDF) 21 Page - Microchip Technology

Part # BM62
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM62 Datasheet(HTML) 21 Page - Microchip Technology

Back Button BM62 Datasheet HTML 17Page - Microchip Technology BM62 Datasheet HTML 18Page - Microchip Technology BM62 Datasheet HTML 19Page - Microchip Technology BM62 Datasheet HTML 20Page - Microchip Technology BM62 Datasheet HTML 21Page - Microchip Technology BM62 Datasheet HTML 22Page - Microchip Technology BM62 Datasheet HTML 23Page - Microchip Technology BM62 Datasheet HTML 24Page - Microchip Technology BM62 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
 2016 Microchip Technology Inc.
DS60001403A - Page 21
BM62/64
4.0
POWER MANAGEMENT UNIT
The on-chip Power Management Unit (PMU) has two
main features: lithium-ion and lithium-polymer battery
charger, and voltage regulation. A power switch is used
to switch over the power source between the battery
and adaptor. Also, the PMU provides current to drive
two LEDs.
4.1
Charging a Battery
The BM62/64 module has a built-in battery charger
which is optimized for lithium-ion and lithium-polymer
batteries.
The charger includes a current sensor for charging
control, user programmable current regulation, and
high accuracy voltage regulation. The charging current
parameters are configured by the UI tool. Reviving,
pre-charging, constant current and constant voltage
modes, and re-charging functions are included. The
maximum charging current is 350 mA. Figure 4-1 illus-
trates the charging curve of a battery.
FIGURE 4-1:
CHARGING CURVE
4.2
Voltage Monitoring
A 10-bit, successive approximation ADC (SAR ADC)
provides a dedicated channel for voltage level detec-
tion. The warning level can be programmed by using
the UI tool. The ADC provides a granular resolution to
enable the MCU to take control over the charging pro-
cess.
4.3
LED Driver
Two dedicated LED drivers control the LEDs.They pro-
vide enough sink current (16 step control and 0.35 mA
for each step), thus LEDs can be connected directly
with the BM62/64 module. LED settings can be config-
ured using the UI tool. Figure 4-2 illustrates the LED
drivers in the BM62/64 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com