Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM62 Datasheet(PDF) 13 Page - Microchip Technology

Part # BM62
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM62 Datasheet(HTML) 13 Page - Microchip Technology

Back Button BM62 Datasheet HTML 9Page - Microchip Technology BM62 Datasheet HTML 10Page - Microchip Technology BM62 Datasheet HTML 11Page - Microchip Technology BM62 Datasheet HTML 12Page - Microchip Technology BM62 Datasheet HTML 13Page - Microchip Technology BM62 Datasheet HTML 14Page - Microchip Technology BM62 Datasheet HTML 15Page - Microchip Technology BM62 Datasheet HTML 16Page - Microchip Technology BM62 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
 2016 Microchip Technology Inc.
DS60001403A - Page 13
BM62/64
Legend:
I= Input pin
O= Output pin
I/O= Input/Output pin
P= Power pin
Note:
These pins can be configured by using the UI tool, a Windows utility.
32
I
EAN
External address-bus negative
System configuration pin along with the P2_0 pin used to set
the module in any one of these modes:
• Application mode (for normal operation)
• Test mode (to change EEPROM values)
• Write Flash mode (to enter new firmware into the module)
refer to Table 5-1
ROM: Must be pulled high to VDD_IO
Flash: must be pulled down with 4.7 kOhm to GND
33
I/O
DM
Differential data-minus USB
34
I/O
DP
Differential data-plus USB
35
I/O
P0_5
Configurable control or indication pin
(Internally pulled-up if configured as an input)
Volume-down key (default)
36
I/O
P3_0
Configurable control or indication pin
(Internally pulled-up if configured as an input)
AUX-In Detector
37
I/O
P3_1
Configurable control or indication pin
(Internally pulled-up if configured as an input)
REV key (default), active low
38
I/O
P3_3
Configurable control or indication pin
(Internally pulled-up if configured as an input)
FWD key, active-low
39
I/O
P3_6
Configurable control or indication pin
(Internally pulled-up if configured as an input)
Multi-SPK Master/Slave mode control, FW dependent
40
I/O
P0_2
Configurable control or indication pin
(Internally pulled-up if configured as an input)
Play/Pause key as the default setting
41
I/O
P2_0
System configuration pin along with EAN pin, used to set the
module in any one of the following modes:
• Application mode (for normal operation)
• Test mode (to change EEPROM values)
• Write Flash mode (to enter the new firmware into the
module), refer to Table 5-1
42
I/O
P2_7
Configurable control or indication pin
(Internally pulled-up if configured as an input)
Volume-up key (default)
43
P
GND
Ground reference
TABLE 1-3:
BM64 PIN DESCRIPTION (CONTINUED)
Pin No
Pin Type
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com