Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM62 Datasheet(PDF) 49 Page - Microchip Technology

Part # BM62
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM62 Datasheet(HTML) 49 Page - Microchip Technology

Back Button BM62 Datasheet HTML 45Page - Microchip Technology BM62 Datasheet HTML 46Page - Microchip Technology BM62 Datasheet HTML 47Page - Microchip Technology BM62 Datasheet HTML 48Page - Microchip Technology BM62 Datasheet HTML 49Page - Microchip Technology BM62 Datasheet HTML 50Page - Microchip Technology BM62 Datasheet HTML 51Page - Microchip Technology BM62 Datasheet HTML 52Page - Microchip Technology BM62 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
 2016 Microchip Technology Inc.
DS60001403A - Page 49
BM62/64
Note 1:
fin = 1 kHz, B/W = 20~20 kHz, A-weighted, THD+N < 1%, 150 mVpp input.
2:
These parameters are characterized but not tested in manufacturing.
TABLE 8-5:
AUDIO CODEC ANALOG TO DIGITAL CONVERTER
T = 25 oC, VDD = 2.8V, 1 kHz sine wave input, Bandwidth = 20 Hz~20 kHz
Parameter (Condition)
Min
Typical
Max
Unit
Resolution
—
—
16
Bit
Output Sample Rate
8
—
48
kHz
Signal to Noise Ratio (Note 1)
(SNR at MIC or Line-in mode)
—92
—
dB
Digital Gain
-54
—
4.85
dB
Digital Gain Resolution
—
2~6
—
dB
MIC Boost Gain
—
20
—
dB
Analog Gain
—
—
60
dB
Analog Gain Resolution
—
2.0
dB
Input full-scale at maximum gain (differential)
—
4
—
mV/rms
Input full-scale at minimum gain (differential)
—
800
—
mV/rms
3dB bandwidth
—
20
—
kHz
Microphone mode (input impedance)
—
24
—
kOhm
THD+N (microphone input) at 30 mV/rms input
—
0.02
—
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com