Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8591 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8591
Description  4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8591 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8591 Datasheet HTML 4Page - NXP Semiconductors TDA8591 Datasheet HTML 5Page - NXP Semiconductors TDA8591 Datasheet HTML 6Page - NXP Semiconductors TDA8591 Datasheet HTML 7Page - NXP Semiconductors TDA8591 Datasheet HTML 8Page - NXP Semiconductors TDA8591 Datasheet HTML 9Page - NXP Semiconductors TDA8591 Datasheet HTML 10Page - NXP Semiconductors TDA8591 Datasheet HTML 11Page - NXP Semiconductors TDA8591 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
2002 Jan 14
8
Philips Semiconductors
Preliminary specification
4
× 44 W into 4 Ω or 4 × 75 W into 2 Ω
quad BTL car radio power amplifier
TDA8591J
handbook, halfpage
MGU489
amplifier
output
STBY
MUTE/ON
DIAG
play normal
mute
t (ms)
standby
operating
Fig.3
Diagnostic waveforms: standby, mute and
operating mode sequence.
Pull-up resistor = 47 k
Ω.
handbook, halfpage
MGT605
normal
active
DDD
normal
amplifier
output
DIAG
t (ms)
Pull-up resistor = 47 k
Ω.
Fig.4
Diagnostic waveforms: dynamic distortion
detection function.
handbook, halfpage
MGT604
amplifier
output
DIAG
short-circuit
across load
20 ms
t (ms)
Fig.5
Diagnostic waveforms: short-circuit across
load.
Pull-up resistor = 47 k
Ω.
andbook, halfpage
MGU498
short to
GND
short to
VP
amplifier
output
DIAG
GND
20 ms
20 ms
VP
t (ms)
Fig.6
Diagnostic waveforms: short-circuit to
VP pin or GND.
Pull-up resistor = 47 k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com