Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8591 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8591
Description  4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8591 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8591 Datasheet HTML 9Page - NXP Semiconductors TDA8591 Datasheet HTML 10Page - NXP Semiconductors TDA8591 Datasheet HTML 11Page - NXP Semiconductors TDA8591 Datasheet HTML 12Page - NXP Semiconductors TDA8591 Datasheet HTML 13Page - NXP Semiconductors TDA8591 Datasheet HTML 14Page - NXP Semiconductors TDA8591 Datasheet HTML 15Page - NXP Semiconductors TDA8591 Datasheet HTML 16Page - NXP Semiconductors TDA8591 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
2002 Jan 14
13
Philips Semiconductors
Preliminary specification
4
× 44 W into 4 Ω or 4 × 75 W into 2 Ω
quad BTL car radio power amplifier
TDA8591J
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Human body model: C = 100 pF; Rs = 1500 Ω; all pins have passed all tests to 2500 V to guarantee 2000 V,
according to
“General Quality Specification SNW-FQ-611D”, class II, except pin GND, which passed 2200 V,
class Ia.
2. Machine model: C = 200 pF; Rs =10 Ω; L = 0.75 mH.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
−
18
V
not operating
−1
+45
V
with load dump protection (see Fig.10)
−
45
V
VDIAG
voltage on pin DIAG
−
45
V
IOSM
non-repetitive peak output
current
−
10
A
IORM
repetitive peak output current
−
6A
Vsc
AC and DC short-circuit voltage
short-circuit of output pins across
loads and to ground or supply
−
18
V
Vrp
reverse polarity voltage
t
≤ 1ms
−
6V
Ptot
total power dissipation
Tcase =70 °C
−
80
W
Tvj
virtual junction temperature
−
150
°C
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Vesd
electrostatic handling voltage
note 1
2000
−
V
note 2
200
−
V
handbook, halfpage
MGT601
VP
(V)
45
tr
>2.5 ms
tf
>47.5 ms
t
14.4
Fig.10 Load dump pulse definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com