Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8591 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA8591
Description  4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8591 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA8591 Datasheet HTML 22Page - NXP Semiconductors TDA8591 Datasheet HTML 23Page - NXP Semiconductors TDA8591 Datasheet HTML 24Page - NXP Semiconductors TDA8591 Datasheet HTML 25Page - NXP Semiconductors TDA8591 Datasheet HTML 26Page - NXP Semiconductors TDA8591 Datasheet HTML 27Page - NXP Semiconductors TDA8591 Datasheet HTML 28Page - NXP Semiconductors TDA8591 Datasheet HTML 29Page - NXP Semiconductors TDA8591 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
2002 Jan 14
26
Philips Semiconductors
Preliminary specification
4
× 44 W into 4 Ω or 4 × 75 W into 2 Ω
quad BTL car radio power amplifier
TDA8591J
handbook, full pagewidth
MGW476
26 dB
26 dB
26 dB
10
12
22
2
16
18
20
4
PGND1
8
3
5
26 dB
VP
VP
INTERFACE
OFFSET
DETECTION
7
PGND2
21
PGND3
24
PGND4
27
GNDHS
DIAGNOSTIC
CHARGE
PUMP
TDA8591J
1
VP1
13
VP2
15
VP3
22 nF
22 nF
OUT1
−
OUT1
+
9
11
22 nF
220 nF
22 nF
OUT2
+
OUT2
−
14 CP
6
DIAG
26 OFFCAP
19
17
22 nF
22 nF
OUT3
+
OUT3
−
25
23
2 or 4
Ω
2 k
Ω
2 k
Ω
22 nF
to microcontroller
22 nF
OUT4
−
OUT4
+
Rs
Vin4
IN4
220 nF
Rs
Vin3
IN3
SGND
CIN
220 nF
Rs
Vin2
IN2
220 nF
Rs
Vin1
IN1
220 nF
100
µF
(6.3 V)
2200
µF
(16 V)
1
µF
100 nF
2 or 4
Ω
2 or 4
Ω
2 or 4
Ω
220 k
Ω
220 k
Ω
220 k
Ω
220 k
Ω
STBY
MUTE/ON
from
microcontroller
(1)
2.2
µF
(10 V)
mute
standby
fast mute
Fig.34 Quad BTL application with offset detection circuit.
(1) Not needed with single-pin mute control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com