Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1011T-I/SS Datasheet(PDF) 27 Page - Microchip Technology

Part # AR1011T-I/SS
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011T-I/SS Datasheet(HTML) 27 Page - Microchip Technology

Back Button AR1011T-I/SS Datasheet HTML 23Page - Microchip Technology AR1011T-I/SS Datasheet HTML 24Page - Microchip Technology AR1011T-I/SS Datasheet HTML 25Page - Microchip Technology AR1011T-I/SS Datasheet HTML 26Page - Microchip Technology AR1011T-I/SS Datasheet HTML 27Page - Microchip Technology AR1011T-I/SS Datasheet HTML 28Page - Microchip Technology AR1011T-I/SS Datasheet HTML 29Page - Microchip Technology AR1011T-I/SS Datasheet HTML 30Page - Microchip Technology AR1011T-I/SS Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
 2009-2016 Microchip Technology Inc.
DS40001393C-page 27
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
A couple of typical setup examples for the TouchMode
are as follows:
• Report a pen down P=1 on initial touch, followed
by reporting a stream of pen downs P=1 during
the touch, followed by a final pen up P=0 on touch
release. TouchMode = 0b01010001 = 0x51
• Report a pen up P=0 then a pen down P=1 on
initial touch, followed by reporting a stream of pen
downs P=1 during the touch, followed by a final
pen up P=0 on touch release. TouchMode =
0b10110001
= 0xB1
REGISTER 8-1:
TouchMode REGISTER FORMAT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PD2
PD1
PD0
PM1
PM0
PU2
PU1
PU0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7-5
PD<2:0>:
Pen-Down State bits (action taken upon pen down).
000
= No touch report
001
= Touch report with P=0
010
= Touch report with P=1
011
= Touch report with P=1, then touch report with P=0
100
= Touch report with P=0, then touch report with P=1, then touch report with P=0
101
= Touch report with P=0, then touch report with P=1
bit 4-3
PM<1:0>:
Pen Movement State bits (action taken upon pen movement).
00
= No touch report
01
= Touch report with P=0
10
= Touch report with P=1
bit 2-0
PU<2:0>:
Pen-Up State bits (action taken upon pen up).
000
= No touch report
001
= Touch report with P=0
010
= Touch report with P=1
011
= Touch report with P=1, then touch report with P=0
100
= Touch report with P=0, then touch report with P=1, then touch report with P=0
101
= Touch report with P=0, then touch report with P=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com