Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1011T-I/SS Datasheet(PDF) 49 Page - Microchip Technology

Part # AR1011T-I/SS
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011T-I/SS Datasheet(HTML) 49 Page - Microchip Technology

Back Button AR1011T-I/SS Datasheet HTML 45Page - Microchip Technology AR1011T-I/SS Datasheet HTML 46Page - Microchip Technology AR1011T-I/SS Datasheet HTML 47Page - Microchip Technology AR1011T-I/SS Datasheet HTML 48Page - Microchip Technology AR1011T-I/SS Datasheet HTML 49Page - Microchip Technology AR1011T-I/SS Datasheet HTML 50Page - Microchip Technology AR1011T-I/SS Datasheet HTML 51Page - Microchip Technology AR1011T-I/SS Datasheet HTML 52Page - Microchip Technology AR1011T-I/SS Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
 2009-2016 Microchip Technology Inc.
DS40001393C-page 49
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
12.3
Ordering
Note:
The AR1011/AR1021 are recommended
for new designs. The AR1010/AR1020 are
still supported and available, but are not
recommended for new designs.
TABLE 12-1:
ORDERING PART NUMBERS
Part Number
Communication
Type
Temp. Range
Pin Package
Packing
AR1011-I/ML
UART
-40°C to + 85°C
QFN, 20 pin
Tube
AR1011-I/SO
UART
-40°C to + 85°C
SOIC, 20 pin
Tube
AR1011-I/SS
UART
-40°C to + 85°C
SSOP, 20 pin
Tube
AR1011T-I/ML
UART
-40°C to + 85°C
QFN, 20 pin
T/R
AR1011T-I/SO
UART
-40°C to + 85°C
SOIC, 20 pin
T/R
AR1011T-I/SS
UART
-40°C to + 85°C
SSOP, 20 pin
T/R
AR1021-I/ML
I2C/SPI
-40°C to + 85°C
QFN, 20 pin
Tube
AR1021-I/SO
I2C/SPI
-40°C to + 85°C
SOIC, 20 pin
Tube
AR1021-I/SS
I2C/SPI
-40°C to + 85°C
SSOP, 20 pin
Tube
AR1021T-I/ML
I2C/SPI
-40°C to + 85°C
QFN, 20 pin
T/R
AR1021T-I/SO
I2C/SPI
-40°C to + 85°C
SOIC, 20 pin
T/R
AR1021T-I/SS
I2C/SPI
-40°C to + 85°C
SSOP, 20 pin
T/R
AR1010-I/ML
UART
-40°C to + 85°C
QFN, 20 pin
Tube
AR1010-I/SO
UART
-40°C to + 85°C
SOIC, 20 pin
Tube
AR1010-I/SS
UART
-40°C to + 85°C
SSOP, 20 pin
Tube
AR1010T-I/ML
UART
-40°C to + 85°C
QFN, 20 pin
T/R
AR1010T-I/SO
UART
-40°C to + 85°C
SOIC, 20 pin
T/R
AR1010T-I/SS
UART
-40°C to + 85°C
SSOP, 20 pin
T/R
AR1020-I/ML
I2C/SPI
-40°C to + 85°C
QFN, 20 pin
Tube
AR1020-I/SO
I2C/SPI
-40°C to + 85°C
SOIC, 20 pin
Tube
AR1020-I/SS
I2C/SPI
-40°C to + 85°C
SSOP, 20 pin
Tube
AR1020T-I/ML
I2C/SPI
-40°C to + 85°C
QFN, 20 pin
T/R
AR1020T-I/SO
I2C/SPI
-40°C to + 85°C
SOIC, 20 pin
T/R
AR1020T-I/SS
I2C/SPI
-40°C to + 85°C
SSOP, 20 pin
T/R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com