Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1011T-I/SS Datasheet(PDF) 45 Page - Microchip Technology

Part # AR1011T-I/SS
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011T-I/SS Datasheet(HTML) 45 Page - Microchip Technology

Back Button AR1011T-I/SS Datasheet HTML 41Page - Microchip Technology AR1011T-I/SS Datasheet HTML 42Page - Microchip Technology AR1011T-I/SS Datasheet HTML 43Page - Microchip Technology AR1011T-I/SS Datasheet HTML 44Page - Microchip Technology AR1011T-I/SS Datasheet HTML 45Page - Microchip Technology AR1011T-I/SS Datasheet HTML 46Page - Microchip Technology AR1011T-I/SS Datasheet HTML 47Page - Microchip Technology AR1011T-I/SS Datasheet HTML 48Page - Microchip Technology AR1011T-I/SS Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
 2009-2016 Microchip Technology Inc.
DS40001393C-page 45
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
11.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings(†)
Ambient temperature under bias....................................................................................................... -40°C to +125°C
Storage temperature ........................................................................................................................ -65°C to +150°C
Voltage on VDD with respect to VSS .................................................................................................... -0.3V to +6.5V
Voltage on all other pins with respect to VSS ........................................................................... -0.3V to (VDD + 0.3V)
Total power dissipation................................................................................................................................... 800 mW
Maximum current out of VSS pin .................................................................................................................... 300 mA
Maximum current into VDD pin ....................................................................................................................... 250 mA
Input clamp current (VI < 0 or VI > VDD)
20 mA
Maximum output current sunk by any I/O pin.................................................................................................... 25 mA
Maximum output current sourced by any I/O pin .............................................................................................. 25 mA
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
† NOTICE: This device is sensitive to ESD damage and must be handled appropriately. Failure to properly handle
and protect the device in an application may cause partial to complete failure of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com