Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW01 Datasheet(PDF) 1 Page - Supertex, Inc

Part # CW01
Description  Four-Channel, Low Phase Noise, Low Power, Continuous Wave Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CW01 Datasheet(HTML) 1 Page - Supertex, Inc

  CW01 Datasheet HTML 1Page - Supertex, Inc CW01 Datasheet HTML 2Page - Supertex, Inc CW01 Datasheet HTML 3Page - Supertex, Inc CW01 Datasheet HTML 4Page - Supertex, Inc CW01 Datasheet HTML 5Page - Supertex, Inc CW01 Datasheet HTML 6Page - Supertex, Inc CW01 Datasheet HTML 7Page - Supertex, Inc CW01 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Supertex inc.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
CW01
Features
► Low phase noise
► 100V open drain N-channel
► High speed D flip-flop
► High speed MOSFET gate driver
► Up to 200MHz clock input
► V
DD and VLL undervoltage lockout
Applications
► Diagnostic medical ultrasound
► Fluid flow measurement
General Description
The Supertex CW01 is a four-channel, low phase noise,
continuous wave transmit IC. A high speed D flip-flop is
provided to allow the D
IN frequency to be aligned to a high
frequency clock. The output N-channel is turned on when a
logic high is clocked into the D flip-flop. Data are clocked in
during the low to high transition.
VD1, VD2, VD3 and VD4 are four individual input supply
voltages for the N-channel output MOSFET gate drivers.
High peak currents are drawn from these gate drives
when the output MOSFETs are switching. To minimize
jitter caused by voltage ripples, each channel has its own
gate drive voltage pin; VD1, VD2, VD3 and VD4. A series
ferrite bead and a decoupling capacitor are recommended
on each VDX pin to minimize output jitter and channel to
channel crosstalk.
Both V
DD and VLL have undervoltage lockout to prevent
spurious turn-on.
Typical Application Circuit
Four-Channel, Low Phase Noise,
Low Power, Continuous Wave Transmitter
HV
OUT1
PGND1
Translator
and Driver
V
D1
V
LL
270µH
0.1µF
0.1µF
5.0V
2.5V
2.0 to
5.0MHz
96MHz
VD1
VDD
OE
VLL
D
IN1
CLK
VSS
D
IN1
Q1
CLK
BAV99
Tx
PZT
8.0V
BAV23
(one of four channels)


Similar Part No. - CW01

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CW01903-HD TTELEC-CW01903-HD Datasheet
309Kb / 2P
DC EXTENSION CABLE - 2.1mm CONNECTOR & SOCKET
CW01904-HD TTELEC-CW01904-HD Datasheet
302Kb / 2P
DC EXTENSION CABLE - 2.1mm CONNECTOR & SOCKET
26/06/2020
CW01905-HD TTELEC-CW01905-HD Datasheet
365Kb / 2P
DC EXTENSION CABLE - 2.1mm CONNECTOR & SOCKET
More results

Similar Description - CW01

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM75 AXTAL-AXIOM75 Datasheet
65Kb / 2P
OCXO with Sine Wave Output, Low Phase Noise
2007-05-14
logo
QUARTZCOM the communica...
OCO-M3AGS QUARTZCOM-OCO-M3AGS Datasheet
146Kb / 1P
Low G-sensitivity OCXO Sine wave Low phase noise optional
logo
Arizona Microtek, Inc
AZP53 AZM-AZP53 Datasheet
580Kb / 13P
Low Phase Noise Sine Wave/CMOS
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
SINE-WAVE UHF, Low Phase Noise XO
logo
QUARTZCOM the communica...
OCO-M36AGS QUARTZCOM-OCO-M36AGS Datasheet
146Kb / 1P
Low G-sensitivity OCXO Sine wave Low phase noise optional
logo
Advanced XTAL Products
AXIOM55LN AXTAL-AXIOM55LN Datasheet
117Kb / 4P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75-25 AXTAL-AXIOM75-25 Datasheet
94Kb / 2P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75-27 AXTAL-AXIOM75-27 Datasheet
121Kb / 3P
Low Phase Noise OCXO with Sine Wave Output
AXIOM130LN AXTAL-AXIOM130LN Datasheet
116Kb / 4P
Low Phase Noise OCXO with Sine Wave Output
logo
Microchip Technology
MD1730 MICROCHIP-MD1730 Datasheet
616Kb / 34P
8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com