Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW01 Datasheet(PDF) 2 Page - Supertex, Inc

Part # CW01
Description  Four-Channel, Low Phase Noise, Low Power, Continuous Wave Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CW01 Datasheet(HTML) 2 Page - Supertex, Inc

  CW01 Datasheet HTML 1Page - Supertex, Inc CW01 Datasheet HTML 2Page - Supertex, Inc CW01 Datasheet HTML 3Page - Supertex, Inc CW01 Datasheet HTML 4Page - Supertex, Inc CW01 Datasheet HTML 5Page - Supertex, Inc CW01 Datasheet HTML 6Page - Supertex, Inc CW01 Datasheet HTML 7Page - Supertex, Inc CW01 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
CW01
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Ordering Information
Device
Package Option
24-Lead QFN
4.00x5.00mm body
1.00mm height (max) 0.50mm pitch
CW01
CW01K6-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
LL, logic supply
-0.3 to +6.0V
V
DD, level translator voltage
-0.5 to +6.0V
V
DX, gate drive voltage
-0.5 to +6.0V
HV
OUT, high voltage output drain voltage
-0.5 to 120V
Maximum junction temperature
+125°C
Storage temperature range
-65°C to +150°C
Power dissipation, T
A = 25°C
3.0W1
θ
ja
26.9°C/W
Absolute Maximum Ratings are those values beyond which damage
to the device may occur. Functional operation under these conditions
is not implied. Continuous operation of the device at the absolute
rating level may affect device reliability. All voltages are referenced
to device ground.
Note:
1. Device mounted on a 4 layer 3” by 4” board.
Pin Configuration
24-Lead QFN (K6)
(top view)
Product Marking
24-Lead QFN (K6)
HV
OUT1
PGND2
HV
OUT2
VSS
HV
OUT3
PGND3
HV
OUT4
DIN1
DIN2
VDD
CLK
VSS
DIN3
DIN4
1
24
Y = Last Digit of Year Sealed
W = Code for Week Sealed
L = Lot Number
A = Assembler ID
C = Country of Origin
= “Green” Packaging
CW01
YWLL
AAA
CCC
Package may or may not include the following marks: Si or



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com