Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW01 Datasheet(PDF) 4 Page - Supertex, Inc

Part # CW01
Description  Four-Channel, Low Phase Noise, Low Power, Continuous Wave Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CW01 Datasheet(HTML) 4 Page - Supertex, Inc

  CW01 Datasheet HTML 1Page - Supertex, Inc CW01 Datasheet HTML 2Page - Supertex, Inc CW01 Datasheet HTML 3Page - Supertex, Inc CW01 Datasheet HTML 4Page - Supertex, Inc CW01 Datasheet HTML 5Page - Supertex, Inc CW01 Datasheet HTML 6Page - Supertex, Inc CW01 Datasheet HTML 7Page - Supertex, Inc CW01 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
CW01
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
AC Electrical Characteristics
(V
DD = VDX =5.0V, VLL = 2.5V, TJ = 25ºC unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
f
CLK
Clock frequency
0
-
200
MHz
-
t
r, tf
Clock rise and fall times
-
0.5
5.0
ns
-
t
SU
Set-up time, DIN to CLK
2.0
-
-
ns
-
t
H
Hold time, DIN from CLK
1.0
-
-
ns
-
t
HVf
HV
OUT fall time
-
0.8
-
ns
Load = 50Ω to 8.0V.
See timing diagram
t
HVr
HV
OUT rise time
-
3.3
-
ns
Load = 50Ω to 8.0V.
See timing diagram
t
dLH
Delay time from CLK to HV
OUT from
low to high
-
5.1
-
ns
Load = 50Ω to 8.0V.
See timing diagram
t
dHL
Delay time from CLK to HV
OUT from
high to low
-
2.6
-
ns
Load = 50Ω to 8.0V.
See timing diagram
∆t
dLHdelay
Delay time matching for t
dLH
-
0.5
1.0
ns
-
∆t
dHLdelay
Delay time matching for t
dHL
-
0.5
1.0
ns
-
t
OE(ON)
Output enable turn-on time
-
-
10
µs
-
t
OE(OFF)
Output enable turn-off time
-
-
0.1
µs
-
C
OUT
Output capacitance
-
8.0
-
pF
At 8.0V
-
4.0
-
pF
At 100V
Phase
noise
Phase noise
-
-171
-160
dBC/Hz
dB below carrier
CLK = 80MHz, D
IN = 2.0MHz
freq offset = 1.0kHz
noise bandwidth = 140Hz
See test circuit.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com