Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2967 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP2967
Description  Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2967 Datasheet(HTML) 2 Page - Texas Instruments

  LP2967 Datasheet HTML 1Page - Texas Instruments LP2967 Datasheet HTML 2Page - Texas Instruments LP2967 Datasheet HTML 3Page - Texas Instruments LP2967 Datasheet HTML 4Page - Texas Instruments LP2967 Datasheet HTML 5Page - Texas Instruments LP2967 Datasheet HTML 6Page - Texas Instruments LP2967 Datasheet HTML 7Page - Texas Instruments LP2967 Datasheet HTML 8Page - Texas Instruments LP2967 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LP2967
Dual Micropower 150 mA Low-Dropout Regulator in
micro SMD Package
General Description
The LP2967 is a 150 mA, dual fixed-output voltage regulator
designed to provide ultra low-dropout and low noise in bat-
tery powered applications.
Using an optimized VIP (Vertically Integrated PNP) process,
the LP2967 delivers unequalled performance in all specifi-
cations critical to battery powered designs:
Dropout Voltage: Typically 240 mV at 150 mA load, and
6 mV at 1 mA load for each output.
Ground Pin Current: Typically 1 mA at 150 mA load, and
200 µA at 1 mA load for each output.
Enhanced Stability: The LP2967 is stable with output ca-
pacitor ESR as low as 5 m
Ω, which allows the use of ceramic
capacitors on the output.
Sleep Mode: Less than 2 µA quiescent current when SD
pins are pulled low.
Smallest Possible Size: micro SMD package uses absolute
minimum board space.
Precision Output: 1.25% tolerance.
Low Noise: By adding a 100 nF bypass capacitor, output
noise can be reduced to 30 µV (typical).
Multiple voltage options, from 1.8V to 5.0V, are available.
Consult factory for custom voltages.
Features
n
Ultra low drop-out voltage
n
Guaranteed 150mA output current, 300 mA peak
n
Smallest possible size (micro SMD package)
n
Requires minimum external components
n
Stable with 2.2 µF tantalum or ceramic capacitor
n
Output voltage accuracy ±1%
n <
2 µA quiescent current when shut down
n
Wide supply voltage range (16V max.)
n
Low Z
OUT: 0.3
Ω typical (10 Hz to 1 MHz)
n
Over temperature/over current protection
n
−40˚C to +125˚C junction temperature range
n
Custom voltages available
Applications
n
Cellular Phone
n
Palmtop/Laptop Computer
n
Personal Digital Assistance (PDA)
n
Camcorder, Personal Stereo and Camera
Block Diagram
10114201
June 2005
© 2005 National Semiconductor Corporation
DS101142
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com