Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2967 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2967
Description  Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2967 Datasheet(HTML) 3 Page - Texas Instruments

  LP2967 Datasheet HTML 1Page - Texas Instruments LP2967 Datasheet HTML 2Page - Texas Instruments LP2967 Datasheet HTML 3Page - Texas Instruments LP2967 Datasheet HTML 4Page - Texas Instruments LP2967 Datasheet HTML 5Page - Texas Instruments LP2967 Datasheet HTML 6Page - Texas Instruments LP2967 Datasheet HTML 7Page - Texas Instruments LP2967 Datasheet HTML 8Page - Texas Instruments LP2967 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Basic Application Circuit
10114202
*SD1 and SD2 must be actively terminated. Tie them to VIN if their functions are not needed.
**Minimum capacitance are shown to ensure stability (may be increased without limit).
*** Reduces output noise (may be omitted if application is not noise critical). Use ceramic or film type with very low leakage current.
Ordering Information
Output Voltage (V)
Grade
Order Information
Package
Marking
Supplied As
V
OUT1
V
OUT2
For MSOP Package
2.5
2.8
STD
LP2967IMM-2528
LCAB
1000 Units Tape and Reel
2.5
2.8
STD
LP2967IMMX-2528
LCAB
3000 Units Tape and Reel
2.5
3.3
STD
LP2967IMM-2533
LCBB
1000 Units Tape and Reel
2.5
3.3
STD
LP2967IMMX-2533
LCBB
3000 Units Tape and Reel
2.6
2.6
STD
LP2967IMM-2626
LCLB
1000 Units Tape and Reel
2.6
2.6
STD
LP2967IMMX-2626
LCLB
3000 Units Tape and Reel
2.8
2.8
STD
LP2967IMM-2828
LAQB
1000 Units Tape and Reel
2.8
2.8
STD
LP2967IMMX-2828
LAQB
3000 Units Tape and Reel
2.8
3.3
STD
LP2967IMM-2833
LCCB
1000 Units Tape and Reel
2.8
3.3
STD
LP2967IMMX-2833
LCCB
3000 Units Tape and Reel
For 8-Bump micro SMD Package (BPA08)
1.8
2.5
STD
LP2967IBP-1825
L0P
1000 Units Tape and Reel
1.8
2.5
STD
LP2967IBPX-1825
L0P
3500 Units Tape and Reel
1.8
3.3
STD
LP2967IBP-1833
L0R
1000 Units Tape and Reel
1.8
3.3
STD
LP2967IBPX-1833
L0R
3500 Units Tape and Reel
2.5
2.8
STD
LP2967IBP-2528
CA
1000 Units Tape and Reel
2.5
2.8
STD
LP2967IBPX-2528
CA
3500 Units Tape and Reel
2.5
3.3
STD
LP2967IBP-2533
CB
1000 Units Tape and Reel
2.5
3.3
STD
LP2967IBPX-2533
CB
3500 Units Tape and Reel
2.6
2.6
STD
LP2967IBP-2626
CL
1000 Units Tape and Reel
2.6
2.6
STD
LP2967IBPX-2626
CL
3500 Units Tape and Reel
2.8
2.8
STD
LP2967IBP-2828
AQ
1000 Units Tape and Reel
2.8
2.8
STD
LP2967IBPX-2828
AQ
3500 Units Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com