Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2967 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP2967
Description  Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2967 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2967 Datasheet HTML 7Page - Texas Instruments LP2967 Datasheet HTML 8Page - Texas Instruments LP2967 Datasheet HTML 9Page - Texas Instruments LP2967 Datasheet HTML 10Page - Texas Instruments LP2967 Datasheet HTML 11Page - Texas Instruments LP2967 Datasheet HTML 12Page - Texas Instruments LP2967 Datasheet HTML 13Page - Texas Instruments LP2967 Datasheet HTML 14Page - Texas Instruments LP2967 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Typical Performance Characteristics Unless otherwise specified: C
IN = 1µF, COUT = 4.7µF, VON/OFF
= 1.6V, I
L = 1mA, TA = 25˚C. (Continued)
Load Transient Reponse (V
OUT1)
Load Transient Reponse (V
OUT1)
10114231
10114232
Load Transient Reponse (V
OUT1)
Load Transient Reponse (V
OUT2)
10114233
10114234
Load Transient Reponse (V
OUT2)
Load Transient Reponse (V
OUT2)
10114235
10114236
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com