Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2986 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2986
Description  Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2986 Datasheet(HTML) 5 Page - Texas Instruments

  LP2986 Datasheet HTML 1Page - Texas Instruments LP2986 Datasheet HTML 2Page - Texas Instruments LP2986 Datasheet HTML 3Page - Texas Instruments LP2986 Datasheet HTML 4Page - Texas Instruments LP2986 Datasheet HTML 5Page - Texas Instruments LP2986 Datasheet HTML 6Page - Texas Instruments LP2986 Datasheet HTML 7Page - Texas Instruments LP2986 Datasheet HTML 8Page - Texas Instruments LP2986 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LP2986
www.ti.com
SNVS137I – MARCH 1999 – REVISED SEPTEMBER 2015
6.4 Thermal Information
LP2986
THERMAL METRIC(1)
D (SOIC)
DGK (VSSOP)
NGN (WSON)
UNIT
8 PINS
RθJA
(2)
Junction-to-ambient thermal resistance, High-K
114.4
156.5
37.8(3)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
61.4
51.0
28.58
°C/W
RθJB
Junction-to-board thermal resistance
55.5
76.5
15.0
°C/W
ψJT
Junction-to-top characterization parameter
9.8
4.9
0.2
°C/W
ψJB
Junction-to-board characterization parameter
54.9
75.2
15.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
4.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Thermal resistance value RθJA is based on the EIA/JEDEC High-K printed circuit board defined by: JESD51-7 - High Effective Thermal
Conductivity Test Board for Leaded Surface Mount Packages.
(3)
The PCB for the NGN (WSON) package RθJA includes four (4) thermal vias under the exposed thermal pad per EIA/JEDEC JESD51-5.
6.5 Electrical Characteristics
Unless otherwise specified: TJ = 25°C, VIN = VOUT(NOM) + 1 V, IOUT = 1 mA, COUT = 4.7 µF, CIN = 2.2 µF, VSD = 2 V.
LP2986AI-X.X(1)
LP2986I-X.X (1)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
4.975
5
5.025
4.95
5
5.05
Output voltage (5-V
0.1 mA < IOUT < 200 mA
4.96
5
5.04
4.92
5
5.08
V
version)
0.1 mA < IOUT < 200 mA
4.91
5.09
4.86
5.14
–40°C
≤ TJ ≤ 125°C
3.283
3.3
3.317
3.267
3.3
3.333
Output voltage (3.3-V
0.1 mA < IOUT < 200 mA
3.274
3.3
3.326
3.247
3.3
3.353
VOUT
V
version)
0.1 mA < IOUT < 200 mA
3.241
3.359
3.208
3.392
–40°C
≤ TJ ≤ 125°C
2.985
3
3.015
2.97
3
3.03
Output voltage (3-V
0.1 mA < IOUT < 200 mA
2.976
3
3.024
2.952
3
3.048
V
version)
0.1 mA < IOUT < 200 mA
2.946
3.054
2.916
3.084
–40°C
≤ TJ ≤ 125°C
VOUT(NOM) + 1 V ≤ VIN ≤ 16
0.007
0.014
0.007
0.014
V
Output voltage line
ΔVOUT/ΔVIN
%/V
VOUT(NOM) + 1 V ≤ VIN ≤ 16
regulation
V,
0.032
0.032
–40°C
≤ TJ ≤ 125°C
IOUT = 100 µA
1
2
1
2
IOUT = 100 µA
3.5
3.5
–40°C
≤ TJ ≤ 125°C
IOUT = 75 mA
90
120
90
120
VIN – VOUT
Dropout voltage(2)
mV
IOUT = 75 mA
170
170
–40°C
≤ TJ ≤ 125°C
IOUT = 200 mA
180
230
180
230
IOUT = 200 mA
350
350
–40°C
≤ TJ ≤ 125°C
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control (SQC) methods. The limits are used to calculate TI’s Average Outgoing Quality Level (AOQL).
(2)
Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a
1-V differential.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com