Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2986 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP2986
Description  Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2986 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2986 Datasheet HTML 2Page - Texas Instruments LP2986 Datasheet HTML 3Page - Texas Instruments LP2986 Datasheet HTML 4Page - Texas Instruments LP2986 Datasheet HTML 5Page - Texas Instruments LP2986 Datasheet HTML 6Page - Texas Instruments LP2986 Datasheet HTML 7Page - Texas Instruments LP2986 Datasheet HTML 8Page - Texas Instruments LP2986 Datasheet HTML 9Page - Texas Instruments LP2986 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
LP2986
SNVS137I – MARCH 1999 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified: TJ = 25°C, VIN = VOUT(NOM) + 1 V, IOUT = 1 mA, COUT = 4.7 µF, CIN = 2.2 µF, VSD = 2 V.
LP2986AI-X.X(1)
LP2986I-X.X (1)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
IOUT = 100 µA
100
120
100
120
IOUT = 100 µA
150
110
150
–40°C
≤ TJ ≤ 125°C
µA
IOUT = 75 mA
500
800
500
800
IOUT = 75 mA
1400
1400
–40°C
≤ TJ ≤ 125°C
IGND
Ground pin current
IOUT = 200 mA
1
2.1
1
2.1
mA
IOUT = 200 mA
3.7
3.7
–40°C
≤ TJ ≤ 125°C
VSD < 0.3 V
0.05
0.05
µA
VSD < 0.3 V
1.5
1.5
–40°C
≤ TJ ≤ 125°C
IOUT(PK)
Peak output current
VOUT ≥ VOUT(NOM) − 5%
250
400
250
400
mA
IOUT(MAX)
Short-circuit current
RL = 0 (steady state)
(3)
400
400
mA
Output noise voltage
BW = 300 Hz to 50 kHz,
en
160
160
µVRMS
(RMS)
COUT = 10 µF
ΔVOUT/ΔVIN Ripple rejection
ƒ = 1 kHz, COUT = 10 µF
65
65
dB
Output voltage
ΔVOUT/ΔTD
See(4)
20
20
ppm/°C
temperature coefficient
FEEDBACK PIN
1.21
1.23
1.25
1.2
1.23
1.26
VFB
FEEDBACK pin voltage
–40°C
≤ TJ ≤ 125°C
1.2
1.26
1.19
1.27
V
See(5)
1.19
1.28
1.18
1.29
FEEDBACK pin voltage
ΔVFB/ΔT
See(6)
20
20
ppm/°C
temperature coefficient
IOUT = 200 mA
150
330
150
330
FEEDBACK pin bias
IFB
nA
IOUT = 200 mA
current
760
760
–40°C
≤ TJ ≤ 125°C
FEEDBACK pin bias
ΔIFB/ΔT
current temperature
See(6)
0.1
0.1
nA/°C
coefficient
SHUTDOWN INPUT
VH = Output ON
1.4
1.4
V
VH = Output ON
1.6
1.6
–40°C
≤ TJ ≤ 125°C
VSD
SD Input voltage(7)
VL = Output OFF
0.55
0.55
µA
VL = Output OFF
0.18
0.18
–40°C
≤ TJ ≤ 125°C
VSD = 0 V
0
0
V
VSD = 0 V, –40°C ≤ TJ ≤
–1
–1
125°C
ISD
SD Input current
VSD = 5 V
5
5
µA
VSD = 5 V, –40°C ≤ TJ ≤
15
15
125°C
(3)
See the Typical Characteristics section.
(4)
Temperature coefficient is defined as the maximum (worst-case) change divided by the total temperature range.
(5)
VFB ≤ VOUT ≤ (VIN − 1), 2.5 V ≤ VIN ≤ 16 V, 100 μA ≤ IL ≤ 200 mA, TJ ≤ 125°C.
(6)
Temperature coefficient is defined as the maximum (worst-case) change divided by the total temperature range.
(7)
To prevent mis-operation, the SHUTDOWN pin must be driven by a signal that swings above VH and below VL with a slew rate not less
than 40 mV/
μs (see Application and Implementation).
6
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com