Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2986 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP2986
Description  Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2986 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2986 Datasheet HTML 10Page - Texas Instruments LP2986 Datasheet HTML 11Page - Texas Instruments LP2986 Datasheet HTML 12Page - Texas Instruments LP2986 Datasheet HTML 13Page - Texas Instruments LP2986 Datasheet HTML 14Page - Texas Instruments LP2986 Datasheet HTML 15Page - Texas Instruments LP2986 Datasheet HTML 16Page - Texas Instruments LP2986 Datasheet HTML 17Page - Texas Instruments LP2986 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
LP2986
SNVS137I – MARCH 1999 – REVISED SEPTEMBER 2015
www.ti.com
Feature Description (continued)
7.3.2 Error Detection Comparator Output
The LP2989 will generate a logic low output whenever its output falls out of regulation by more than
approximately 5% below nominal. Because the ERROR comparator has an open-collector output, an external
pull-up resistor is required to pull the output up to VOUT or another supply voltage (up to 16 V). The output of the
comparator is rated to sink up to 300 µA. If ERROR pin is not used, it can be left open.
Because the ERROR comparator has an open-collector output, an external pull-up resistor is required to pull the
output up to VOUT or another supply voltage (up to 16 V). The output of the comparator is rated to sink up to
300 µA. If ERROR pin is not used, it can be left open.
7.3.3 Thermal Protection
The device contains a thermal shutdown protection circuit to turn off the output current when excessive heat is
dissipated in the LDO. The circuitry is not intended to replace proper heat sinking. Continuously running the
device into thermal shutdown degrades its reliability.
7.3.4 Short-Circuit Protection (Current Limit)
The internal current limit circuit is used to protect the LDO against high-load current faults or shorting events. The
LDO is not designed to operate in a steady-state current limit. During a current-limit event, the LDO sources
constant current. Therefore, the output voltage falls when load impedance decreases. Note also that if a current
limit occurs and the resulting output voltage is low, excessive power may be dissipated across the LDO, resulting
in a thermal shutdown of the output.
7.4 Device Functional Modes
7.4.1 Shutdown Mode
The LP2986 is shut off by driving the shutdown input low, and turned on by pulling it high. If this feature is not to
be used, the SHUTDOWN input should be tied to VIN to keep the regulator output on at all times.
To assure proper operation, the signal source used to drive the SHUTDOWN input must be able to swing above
and below the specified turnon/turnoff voltage thresholds listed as VH and VL, respectively (see Typical
Characteristics).
Since the SHUTDOWN input comparator does not have hysteresis, It is also important that the turnon (and
turnoff) voltage signals applied to the SHUTDOWN input have a slew rate which is not less than 40 mV/µs when
moving between the VH and VL thresholds.
CAUTION
The regulator output state (either On or Off) cannot be specified if a slow-moving AC
(or DC) signal is applied that is in the range between VH and VL.
7.4.2 Fixed or Adjustable Regulated Output
A unique feature of the LP2986 device is its ability to output either a fixed voltage or an adjustable voltage,
depending on the external pin connections. To output the internally programmed fixed voltage, tie the SENSE pin
to the OUTPUT pin and the FEEDBACK pin to the TAP pin.
Alternatively, a user-programmable voltage ranging from the internal reference to a 16-V maximum can be set by
using an external resistor divider pair. The resistor divider is tied to VOUT, and the divided-down voltage is tied
directly to FEEDBACK for comparison against the internal voltage reference. To satisfy the steady-state condition
in which its two inputs are equal, the error amplifier drives the output to equal to Equation 1. For detailed
information see Application and Implementation.
14
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com