Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8413 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # CS8413
Description  96 KHZ DIGITAL AUDIO RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8413 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button CS8413 Datasheet HTML 28Page - List of Unclassifed Manufacturers CS8413 Datasheet HTML 29Page - List of Unclassifed Manufacturers CS8413 Datasheet HTML 30Page - List of Unclassifed Manufacturers CS8413 Datasheet HTML 31Page - List of Unclassifed Manufacturers CS8413 Datasheet HTML 32Page - List of Unclassifed Manufacturers CS8413 Datasheet HTML 33Page - List of Unclassifed Manufacturers CS8413 Datasheet HTML 34Page - List of Unclassifed Manufacturers CS8413 Datasheet HTML 35Page - List of Unclassifed Manufacturers CS8413 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
CS8413 CS8414
32
DS240F1
C0, Ca, Cb, Cc, Cd, Ce - Channel Status Output Bits, PINS 2-6, 27.
These pins are dual function with the ‘C’ bits selected when SEL is high. Channel status
information is displayed for the channel selected by CS12. C0, which is channel status bit 0,
defines professional (C0 = 0) or consumer (C0 = 1) mode and further controls the definition of
the Ca-Ce pins. These pins are updated with the rising edge of CBL.
CS12 - Channel Select, PIN 13.
This pin is also dual function and is selected by bringing SEL high. CS12 selects sub-frame 1
(when low) or sub-frame 2 (when high) to be displayed by channel status pins C0 and Ca
through Ce.
FCK - Frequency Clock, PIN 13.
Frequency Clock input that is enabled by bringing SEL low. FCK is compared to the received
clock frequency with the value displayed on F2 through F0. Nominal input value is 6.144 MHz.
E0, E1, E2 - Error Condition, PINS 4-6.
Encoded error information that is enabled by bringing SEL low. The error codes are prioritized
and latched so that the error code displayed is the highest level of error since the last clearing
of the error pins. Clearing is accomplished by bring SEL high for more than 8 MCK cycles.
F0, F1, F2 - Frequency Reporting Bits, PINS 2-3, 27.
Encoded sample frequency information that is enabled by bringing SEL low. A proper clock on
FCK must be input for at least two thirds of a channel status block for these pins to be valid.
They are updated three times per block, starting at the block boundary. These pins are invalid
when the PLL is out of lock.
ERF - Error Flag, PIN 25.
Signals that an error has occurred while receiving the audio sample currently being read from
the serial port. Three errors cause ERF to go high: a parity or biphase coding violation during
the current sample, or an out of lock PLL receiver.
Receiver Interface
RXP, RXN - Differential Line Receivers, PINS 9, 10.
RS422 compatible line receivers.
Phase Locked Loop
MCK - Master Clock, PIN 19.
Low jitter clock output of 256 times the received sample frequency.
FILT - Filter, PIN 20.
An external 470
Ω resistor and 0.068µF capacitor is required from FILT pin to analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com