Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8413 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # CS8413
Description  96 KHZ DIGITAL AUDIO RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8413 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button CS8413 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS8413 Datasheet HTML 12Page - List of Unclassifed Manufacturers CS8413 Datasheet HTML 13Page - List of Unclassifed Manufacturers CS8413 Datasheet HTML 14Page - List of Unclassifed Manufacturers CS8413 Datasheet HTML 15Page - List of Unclassifed Manufacturers CS8413 Datasheet HTML 16Page - List of Unclassifed Manufacturers CS8413 Datasheet HTML 17Page - List of Unclassifed Manufacturers CS8413 Datasheet HTML 18Page - List of Unclassifed Manufacturers CS8413 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
CS8413 CS8414
DS240F1
15
in the fourth and fifth special modes, the data is de-
layed only a few bit periods before being output.
However, error codes, and the C, U and V bits fol-
low the normal pathway with a two frame delay (so
that the error code would be output with the offend-
ing data in the other modes). As a result, in special
modes four and five, the error codes are nearly two
frames behind the data output on SDATA.
Buffer Memory
In all buffer modes, the status, mask, and control
registers are located at addresses 0-3, and the user
data is buffered at locations 4 through 7. The paral-
lel port can access any location in the user data
buffer at any time; however, care should be taken
not to read a location when that location is being
updated internally. This internal writing is done
through a second port of the buffer and is done in a
cyclic manner. As data is received, the bits are as-
sembled in an internal 8-bit shift register which,
when full, is loaded into the buffer memory. The
first bit received is stored in D0 and, after D7 is re-
ceived, the byte is written into the proper buffer
memory location.
The user data is received one bit per sub-frame. At
the channel status block boundary, the internal
pointer for writing user data is initialized to 04H
(Hex). After receiving eight user bits, the byte is
written to the address indicated by the user pointer
which is then incremented to point to the next ad-
dress. After receiving all four bytes of user data, 32
audio samples, the user pointer is set to 04H again
and the cycle repeats. FLAG0, in SR1 can be used
to monitor the user data buffer. When the last byte
of the user buffer, location 07H, is written, FLAG0
is set low and when the second byte, location 05H,
is written, FLAG0 is set high. If the corresponding
bit in the interrupt enable register (IER1, bit 0) is
set, a transition of FLAG0 will generate a low pulse
on the interrupt pin. The level of FLAG0 indicates
which two bytes the part will write next, thereby in-
dicating which two bytes are free to be read.
FLAG1 is buffer mode dependent and is discussed
in the individual buffer mode sections. A transition
of FLAG1 will generate an interrupt if the appro-
priate interrupt enable bit is set.
FLAG2 is set high after channel status byte 23, the
last byte of the block, is written and set low after
channel status byte 3 is written to the buffer mem-
ory. FLAG2 is unique in that only the rising edge
can cause an interrupt if the appropriate interrupt
enable bit in IER1 is set.
Figure 11 illustrates the flag timing for an entire
channel status block which includes 24 bytes of
channel status data per channel and 384 audio sam-
ples. The lower portion of Figure 11 expands the
first byte of channel status showing eight pairs of
data, with a pair defined as a frame. This is further
expanded showing the first sub-frame (A0) to con-
tain 32 bits defined as per the digital audio stan-
dards. When receiving stereo, channel A is left and
channel B is right.
For all three buffer modes, the three most signifi-
cant bits in SR1, shown in Figure 6, can be used to
monitor the channel status data. In buffer mode 2,
bits 7 and 6 change definition and are described in
that section. Channel status data, as described in the
standards, is independent for each channel. Each
channel contains its own block of channel status
data, and in most systems, both channels will con-
tain the same channel status data. Buffer modes 0
and 1 operate on one block of channel status with
the particular block selected by the CS2/CS1 bit in
CR1. CSDIF, bit 7 in SR1, indicates when the
channel status data for each channel is not the same
even though only one channel is being buffered.
CRCE, bit 6 in SR1, indicates a CRC error oc-
curred in the buffered channel. CCHG, bit 5 in
SR1, is set when any bit in the buffered channel sta-
tus bytes 0 to 3, change from one block to the next.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com