Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8414-CS Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # CS8414-CS
Description  96 KHZ DIGITAL AUDIO RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8414-CS Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button CS8414-CS Datasheet HTML 30Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 31Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 32Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 33Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 34Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 35Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 36Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 37Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 38Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
CS8413 CS8414
DS240F1
35
tion of grounding or capacitively coupling to
ground with a “ground-lift” circuit.
Consumer Interface
In the case of the consumer interface, the standards
call for an unbalanced circuit having a receiver im-
pedance of 75
Ω ±5%. The connector for the con-
sumer interface is an RCA phono plug (fixed
socket described in Table IV of IEC 268-11). The
receiver circuit for the consumer interface is shown
in Figure A23.
TTL/CMOS Levels
The circuit shown in Figure A24 may be used when
external RS422 receivers or TTL/CMOS logic
drive the CS8413/14 receiver section.
Transformers
Please refer Application Note AN134: AES and
S/PDIF Recommended Transformers for further
information.
RCA Phono
75
Ω
Coax
75
Ω
RXP
RXN
CS8413/14
0.01 µF
0.01 µF
Figure 23. Consumer Input Circuit
RXP
RXN
CS8413/14
0.01 µF
0.01 µF
TTL/CMOS
Gate
Figure 24. TTL/CMOS Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com