Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8414-CS Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CS8414-CS
Description  96 KHZ DIGITAL AUDIO RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8414-CS Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CS8414-CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 9Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 10Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 11Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 12Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
CS8413 CS8414
DS240F1
9
Status and IEnable Registers
The status and interrupt enable registers occupy the
same address space. The IER/SR bit in control reg-
ister 1 selects whether the status registers
(IER/SR = 0) or the IEnable registers (IER/SR = 1)
occupy addresses 0 and 1. Upon power-up, the con-
trol and IEnable registers contain all zeros; there-
fore, the status registers are visible and all
interrupts are disabled. The IER/SR bit must be set
to make the IEnable registers visible.
Status register 1 (SR1), shown in Figure 6, reports
all the conditions that can generate a low pulse four
SCLK cycles wide on the interrupt pin (INT). The
three least significant bits, FLAG2-FLAG0, are
used to monitor the ram buffer. These bits continu-
ally change and indicate the position of the buffer
pointer which points to the buffer memory location
currently being written. Each flag has a corre-
sponding interrupt enable bit in IEnable register 1
which, when set, allows a transition on the flag to
generate a pulse on the interrupt pin. FLAG0 and
FLAG1 cause interrupts on both edges whereas
FLAG2 causes an interrupt on the rising edge only.
Further information, including timing, on the flags
can be found in the Buffer Memory section.
The
next
five
bits;
ERF,
SLIP,
CCHG,
CRCE/CRC1, and CSDIF/CRC2, are latches
which are set when their corresponding conditions
occur, and are reset when SR1 is read. Interrupt
RXP
RXN
VD+
DGND
VA+
FILT AGND MCK
FSYNC
SCK
SDATA
INT
ERF
CS
RD/WR
A4/
FCK
A0-
A3
D0-
D7
9
10
7
8
22
20
21
19
11
12
26
14
25
24
23
13
48
Clock & Data
Recovery
Bi-phase
Decoder
De-Multiplexor
crc
check
Audio
Serial
Port
Control
Registers
2 X 8
Buffer
Memory
28 X 8
IEnable
&
Status
4 X 8
aux
user
C.S.
slipped
parity
validity
crc
coding
no lock
Frequency
Comparator
Figure 4. CS8413 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com