Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8414-CS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CS8414-CS
Description  96 KHZ DIGITAL AUDIO RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8414-CS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CS8414-CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 9Page - List of Unclassifed Manufacturers CS8414-CS Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
CS8413 CS8414
6
DS240F1
Receiver
Circuit
(See Appendix A)
0.1 µF
+5V Analog
+5V Digital
22
7
0.1 µF
5k
Ω
21
9
10
20
VA+
AGND
RXP
RXN
FILT
DGND
MCK
FSYNC
SCK
SDATA
ERF
INT
CS
RD/WR
A0-A4
D0-D7
19
11
12
26
25
14
24
23
Audio
Data
Processor
Audio
Data
Processor
or
Microcontroller
VD+
8
0.068 µF
470
Ω
CS8413
Figure 1. CS8413 Typical Connection Diagram
Receiver
Circuit
(See Appendix A)
0.1 µF
+5V Analog
+5V Digital
22
7
0.1 µF
21
9
10
20
VA+
AGND
RXP
RXN
FILT
DGND
MCK
VERF
SCK
SDATA
FSYNC
C
U
CBL
19
28
12
26
11
1
14
Audio
Data
Processor
Microcontroller
or
Logic
VD+
8
0.068 µF
470
Ω
CS8414
13
16
25
27, 2-6
15
Channel Status
and/or
Error/Frequency
Reporting
CS12/FCK
SEL
ERF
6 C/E-F bits
Figure 2. CS8414 Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com