Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN2530 Datasheet(PDF) 3 Page - Microchip Technology

Part # DN2530
Description  N-Channel, Depletion-Mode, Vertical DMOS FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN2530 Datasheet(HTML) 3 Page - Microchip Technology

  DN2530 Datasheet HTML 1Page - Microchip Technology DN2530 Datasheet HTML 2Page - Microchip Technology DN2530 Datasheet HTML 3Page - Microchip Technology DN2530 Datasheet HTML 4Page - Microchip Technology DN2530 Datasheet HTML 5Page - Microchip Technology DN2530 Datasheet HTML 6Page - Microchip Technology DN2530 Datasheet HTML 7Page - Microchip Technology DN2530 Datasheet HTML 8Page - Microchip Technology DN2530 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
 2016 Microchip Technology Inc.
DS20005451A-page 3
DN2530
Note 1: ID continuous is limited by max rated TJ
2: Mounted on FR4 board, 25mm x 25mm x 1.57 mm
2.0
PIN DESCRIPTION
The locations of the pins are listed in Package Types
and Packaging Information.
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise specified, for all specifications TA =TJ = +25°C
Parameter
Symbol
Min
Typ
Max
Units Conditions
Temperature Ranges
Operating and Storage Temperature
TA
-55
–
150
°C
Package Thermal Resistances
Thermal Resistance, TO-92
θja
–132
–
°C/W
Thermal Resistance, TO-243AA
θja
–133
–
°C/W
THERMAL CHARACTERISTICS
Package
ID(1)
continuous
(mA)
ID
pulsed
(mA)
Power
Dissipation
@TA = 25°C (W)
IDR(1)
(mA)
IDRM
(mA)
TO-92
175
500
0.74
175
500
TO-243AA (SOT-89)
200
500
1.6 (2)
200
500
TABLE 2-1:
PIN DESCRIPTION
Pin # TO-92
Pin # TO-243AA
Function
21
GATE
32, 4
DRAIN
1
3
SOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com