Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN2530 Datasheet(PDF) 6 Page - Microchip Technology

Part # DN2530
Description  N-Channel, Depletion-Mode, Vertical DMOS FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN2530 Datasheet(HTML) 6 Page - Microchip Technology

Back Button DN2530 Datasheet HTML 2Page - Microchip Technology DN2530 Datasheet HTML 3Page - Microchip Technology DN2530 Datasheet HTML 4Page - Microchip Technology DN2530 Datasheet HTML 5Page - Microchip Technology DN2530 Datasheet HTML 6Page - Microchip Technology DN2530 Datasheet HTML 7Page - Microchip Technology DN2530 Datasheet HTML 8Page - Microchip Technology DN2530 Datasheet HTML 9Page - Microchip Technology DN2530 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DN2530
DS20005451A-page 6
 2016 Microchip Technology Inc.
FIGURE 3-3:
Typical Performance Curves (continued)
BV
DSS Variation with Temperature
1.10
1.05
1.00
0.95
0.90
0.85
-50
0
50
100
150
0
0.2
0.4
0.6
0.8
1.0
Transfer Characteristics
T
j (°C)
V
GS (Volts)
V
DS (Volts)
1.0
0.8
0.6
0.4
0.2
0
-2
-1
0
1
2
Capacitance Vs. Drain-to-Source Voltage
200
150
100
50
0
0
10
20
30
40
V
GS = -5V
I
D = 100mA
V
GS = 0V
V
DS = 10V
f = 1MHz
V
GS = -10V
C
OSS
C
RSS
C
ISS
T
A = -55°C
25°C
R
DS(ON) @ ID = 150mA
V
GS(OFF) @ 10mA
V
DS = 40V
125°C
On-Resistance vs. Drain Current
50
40
30
20
10
0
I
D (amps)
Q
C (Nanocoulombs)
0
1
2
3
4
5
V
GS(OFF) and RDS(ON) Variation with Temperature
2.5
2
1.5
1
0.5
0
15
10
5
0
-5
T
j (°C)
Gate Drive Dynamic Characteristics
V
DS = 20V
250pF
152pf
-50
0
50
100
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com