Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN2530 Datasheet(PDF) 5 Page - Microchip Technology

Part # DN2530
Description  N-Channel, Depletion-Mode, Vertical DMOS FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN2530 Datasheet(HTML) 5 Page - Microchip Technology

  DN2530 Datasheet HTML 1Page - Microchip Technology DN2530 Datasheet HTML 2Page - Microchip Technology DN2530 Datasheet HTML 3Page - Microchip Technology DN2530 Datasheet HTML 4Page - Microchip Technology DN2530 Datasheet HTML 5Page - Microchip Technology DN2530 Datasheet HTML 6Page - Microchip Technology DN2530 Datasheet HTML 7Page - Microchip Technology DN2530 Datasheet HTML 8Page - Microchip Technology DN2530 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
 2016 Microchip Technology Inc.
DS20005451A-page 5
DN2530
FIGURE 3-2:
Typical Performance Curves
Output Characteristics
1.0
0.8
0.6
0.4
0.2
0
0
50
100
150
200
250
V
DS (volts)
Transconductance vs. Drain Current
I
D (amperes)
Power Dissipation vs. Ambient Temperature
0
25
50
75
100
125
150
TO-92
TO-243AA
V
GS = 1.0V
0.5V
-0.5V
-1.0V
-1.5V
0V
Saturation Characteristics
0.25
0.2
0.15
0.1
0.05
0
2.0
1.6
1.2
0.8
0.4
0
0
1
2
3
4
5
V
GS = 1.0V
-1.5V
0.5V
0V
-0.5V
-1.0V
Maximum Rated Safe Operating Area
1
10
100
1000
1
0.1
0.01
0.001
V
DS (volts)
TO-92 (pulsed)
T
C = 25°C
TO-92 (DC)
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0
0.001
0.01
0.1
1.0
10
t
P (seconds)
TO-243AA
T
A = 25°C
P
D = 1.6W
0.5
0.4
0.3
0.2
0.1
0
0
0.05
0.1
0.15
0.2
0.25
V
DS = 10V
T
A = -55°C
T
A = 25°C
T
A = 125°C
TO-92
T
C = 25°C
P
D = 1.0W
V
DS (volts)
T
A (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com