Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2952IM/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP2952IM/NOPB
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952IM/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP2952IM/NOPB Datasheet HTML 11Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 12Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 13Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 14Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 15Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 16Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 17Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 18Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
www.ti.com
SNVS095F – MAY 2004 – REVISED MARCH 2015
Functional Block Diagrams (continued)
Figure 29. LP2953 Block Diagram
7.3 Feature Description
7.3.1 Fixed Voltage Options and Programmable Voltage Version
The LP2952 and LP2953 provide 2 fixed output options: 3.3 V and 5 V. To meet different requirements for the
application, they can also be used as programmable voltage regulators with external resistor networks; see
Application Information for more details.
7.3.2 High-Accuracy Output Voltage
With special and careful design to minimize all contributions to the output voltage error, the LP2952 and LP2953
distinguished themselves as very high output voltage accuracy micropower LDO. This includes a tight initial
tolerance (0.5% typical), extremely good load and line regulation, and a very low output voltage temperature
coefficient, making the part an ideal a low-power voltage reference.
7.3.3 Error Detection Comparator Output
The LP2952 and LP2953 will generate a logic low output when the output falls out of regulation by more than
approximately 5%. See Application Information for more details.
7.3.4 Auxiliary Comparator
An auxiliary comparator is designed for customer special purpose when shutdown is activated. This block is still
active and can be used to generate fault detection, low input line detection signal for system controllers. The
comparator output level is CMOS- or TTL-compatible. See Application Information for more details.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com