Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2952IM/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP2952IM/NOPB
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952IM/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP2952IM/NOPB Datasheet HTML 18Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 19Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 20Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 21Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 22Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 23Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 24Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 25Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
SNVS095F – MAY 2004 – REVISED MARCH 2015
www.ti.com
Typical Applications (continued)
8.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETER
DESIGN REQUIREMENT
Input voltage
6 V, ±10%, provided by the DC-DC converter switching at 1 MHz
Output voltage
5 V, ±1%
Output current
250 mA (maximum), 1 mA (minimum)
RMS noise, 10 Hz to 100 kHz
1 mV typical
PSRR at 1 kHz
50 dB typical
8.2.1.2 Detailed Design Procedure
At 150-mA loading, the dropout of the LP2952 and LP2953 has 600-mV maximum dropout over temperature —
thus, a 1500-mV headroom is sufficient for operation over both input and output voltage accuracy. The efficiency
of the LP2952 and LP2953 in this configuration is VOUT / VIN = 83.3%. Input and output capacitors are selected in
accordance with the External Capacitors section. Ceramic capacitances of 1
μF for the input and one 2.2-μF
capacitor for the output are selected. With an efficiency of 83.3% and a 250-mA maximum load, the internal
power dissipation is 250 mW, which corresponds to a 19.2°C junction temperature rise for the SOIC package.
With a VIN – VOUT differential of 1 V and a maximum load current of 250 mA the internal junction temperature (TJ)
of the SOIC package will rise 19.2°C above the ambient temperature. With an 85°C maximum ambient
temperature, the junction temperature is at 104.2°C. To minimize noise, a bypass capacitor of 100 pF is selected
between OUT and FEEDBACK pins.
8.2.1.3 Application Curves
Figure 34. Line Transient Response
Figure 35. Load Transient Response
22
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com