Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2952IM/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LP2952IM/NOPB
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952IM/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP2952IM/NOPB Datasheet HTML 22Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 23Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 24Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 25Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 26Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 27Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 28Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 29Page - Texas Instruments LP2952IM/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
SNVS095F – MAY 2004 – REVISED MARCH 2015
www.ti.com
8.2.5 5-V Battery Powered Supply With Backup and Low Battery Flag
Figure 39 is the example circuit for 5-V battery powered supply with backup and low battery flag, it has the
following features:
•
The circuit switches to the NI-CAD backup battery when the main battery voltage drops below about 5.6 V
and returns to the main battery when its voltage is recharged to about 6 V.
•
The 5-V MAIN output powers circuitry which requires no backup, and the 5-V MEMORY output powers critical
circuitry which cannot be allowed to lose power.
•
The BATTERY LOW flag goes low whenever the circuit switches to the NI-CAD backup battery.
Figure 39. 5-V Battery Powered Supply With Backup and Low Battery Flag
26
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com