Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2952IMX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP2952IMX/NOPB
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952IMX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LP2952IMX/NOPB Datasheet HTML 1Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 2Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 3Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 4Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 5Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 6Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 7Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 8Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
SNVS095F – MAY 2004 – REVISED MARCH 2015
www.ti.com
Pin Functions LP2953
PIN
I/O
DESCRIPTION
NAME
SOIC(D)
PDIP(NBG)
COMPIN
10
15
I
Auxiliary comparator input
COMPOUT
11
14
O
Auxiliary comparator output
ERROR
6
10
O
Error signal output
FEEDBACK
14
2
I
Error amplifier noninverting input
GROUND
1, 8, 9, 16
4, 5, 12, 13
-
Ground
IN
15
3
I
Regulator power input
NC
2, 7
7, 11
-
NC
OUT
3
6
O
Regulated output voltage
REFERENCE
12
16
O
Internal reference voltage output
SENSE
4
8
I
Feedback voltage sense input
SHUTDOWN
5
9
I
Shutdown input
VTAP
13
1
I
Internal resistor divider input
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Power dissipation(2)
Internally Limited
Input supply voltage
−20
30
V
FEEDBACK input voltage(3)
−0.3
5
V
Comparator input voltage(4)
−0.3
30
V
SHUTDOWN input voltage(4)
−0.3
30
V
Comparator output voltage(4)
−0.3
30
V
Maximum junction temperature
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance, RθJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using the equation for P(MAX): P(MAX) = (TJ(MAX) – TA) / RθJA.
Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal
shutdown. See Power Supply Recommendations for additional information on heatsinking and thermal resistance.
(3)
When used in dual-supply systems where the regulator load is returned to a negative supply, the output voltage must be diode-clamped
to ground.
(4)
May exceed the input supply voltage.
6.2 ESD Ratings
VALUE
UNIT
Electrostatic
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V(ESD)
V
discharge
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operating junction temperature
−40
125
°C
Input supply voltage
2.3
30
V
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com