Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2952IMX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2952IMX/NOPB
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952IMX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP2952IMX/NOPB Datasheet HTML 1Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 2Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 3Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 4Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 5Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 6Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 7Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 8Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
www.ti.com
SNVS095F – MAY 2004 – REVISED MARCH 2015
6.4 Thermal Information
LP2952, LP2953
LP2953
THERMAL METRIC(1)
SOIC (D)
PDIP (NBG)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
76.9
42.1
RθJC(top)
Junction-to-case (top) thermal resistance
37.4
28.1
RθJB
Junction-to-board thermal resistance
34.6
22.2
°C/W
ψJT
Junction-to-top characterization parameter
7.3
12.0
ψJB
Junction-to-board characterization parameter
34.3
22.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics: 3.3-V Versions
Limits are assured by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods.
Unless otherwise specified: MIN (minimum) and MAX (maximum) specifications in apply over the full Operating Temperature
Range and TYP (typical) values apply at TJ = 25°C, VIN = VOUT(NOM) + 1 V, IOUT = 1 mA, COUT = 2.2 μF for 5-V parts and 4.7
μF for 3.3-V parts. FEEDBACK pin is tied to VTAP pin, OUT pin is tied to SENSE pin.
LP2952AI-3.3, LP2953AI-3.3
LP2952I-3.3, LP2953I-3.3
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
TJ = 25°C
3.284
3.3
3.317
3.267
3.3
3.333
VOUT
Output voltage
3.260
3.3
3.340
3.234
3.3
3.366
V
1 mA
≤ IOUT ≤ 250 mA
3.254
3.3
3.346
3.221
3.3
3.379
6.6 Electrical Characteristics: 5-V Versions
Limits are assured by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods.
Unless otherwise specified, MIN (minimum) and MAX (maximum) specifications in apply over the full Operating Temperature
Range and TYP (typical) values apply at TJ = 25°C, VIN = VOUT(NOM) + 1 V, IOUT = 1 mA, COUT = 2.2 μF for 5-V parts and 4.7
μF for 3.3-V parts. FEEDBACK pin is tied to VTAP pin, OUT pin is tied to SENSE pin.
LP2952AI, LP2953AI
LP2952I, LP2953I
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
TJ = 25°C
4.975
5
5.025
4.95
5
5.05
VOUT
Output voltage
4.94
5
5.06
4.9
5
5.1
V
1 mA
≤ IOUT ≤ 250 mA
4.93
5
5.07
4.88
5
5.12
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com