Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2952IMX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP2952IMX/NOPB
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952IMX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP2952IMX/NOPB Datasheet HTML 4Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 5Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 6Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 7Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 8Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 9Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 10Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 11Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
SNVS095F – MAY 2004 – REVISED MARCH 2015
www.ti.com
Electrical Characteristics: All Voltage Options (continued)
Limits are assured by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods.
Unless otherwise specified, MIN (minimum) and MAX (maximum) specifications in apply over the full Operating Temperature
Range and TYP (typical) values apply at TJ = 25°C, VIN = VOUT(NOM) + 1 V, IOUT = 1 mA, COUT = 2.2 μF for 5-V parts and 4.7
μF for 3.3-V parts. FEEDBACK pin is tied to VTAP pin, OUT pin is tied to SENSE pin.
LP2952AI, LP2953AI,
LP2952I, LP2953I,
LP2952AI-3.3, LP2953AI-3.3(1)
LP2952I-3.3, LP2953I-3.3
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
SHUTDOWN INPUT(12)
TJ = 25°C
−7.5
±3
7.5
−7.5
±3
7.5
Input offset
(Referred to VREF)
VOS
mV
voltage
−10
10
−10
10
HYST
Hysteresis
6
6
mV
TJ = 25°C
−30
10
30
−30
10
−30
Input bias
VIN(SD) = 0 V to 5 V
IB
nA
current
VIN(SD) = 0 V to 5 V
−50
50
−50
50
AUXILIARY COMPARATOR (LP2953 Only)
TJ = 25°C
−7.5
±3
7.5
−7.5
±3
7.5
Input offset
(Referred to VREF)
VOS
mV
voltage
(Referred to VREF)
−10
±3
10
−10
±3
10
HYST
Hysteresis
6
6
mV
TJ = 25°C, VIN(COMP) = 0 V to 5
−30
10
30
−30
10
30
Input bias
V
IB
nA
current
VIN(COMP) = 0 V to 5 V
−50
10
50
−50
10
50
TJ = 25°C, VOH = 30 V
0.01
1
0.01
1
Output high
IOH
μA
leakage
VIN(COMP) = 1.3 V
0.01
2
0.01
2
TJ = 25°C, VIN(COMP) = 1.1 V
150
250
150
250
Output low
VOL
mV
voltage
IOUT(COMP) = 400 μA
150
400
150
400
(12) Drive SHUTDOWN pin with TTL or CMOS-low level to shut regulator OFF, high level to turn regulator ON.
8
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com