Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC25L2ACD Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLC25L2ACD
Description  LinCMOS田?DUAL OPERATIONAL AMPLIFIERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC25L2ACD Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC25L2ACD Datasheet HTML 13Page - Texas Instruments TLC25L2ACD Datasheet HTML 14Page - Texas Instruments TLC25L2ACD Datasheet HTML 15Page - Texas Instruments TLC25L2ACD Datasheet HTML 16Page - Texas Instruments TLC25L2ACD Datasheet HTML 17Page - Texas Instruments TLC25L2ACD Datasheet HTML 18Page - Texas Instruments TLC25L2ACD Datasheet HTML 19Page - Texas Instruments TLC25L2ACD Datasheet HTML 20Page - Texas Instruments TLC25L2ACD Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
TLC252, TLC252A, TLC252B, TLC252Y, TLC25L2, TLC25L2A, TLC25L2B
TLC25L2Y, TLC25M2, TLC25M2A, TLC25M2B, TLC25M2Y
LinCMOS
 DUAL OPERATIONAL AMPLIFIERS
SLOS002I – JUNE 1983 – REVISED MARCH 2001
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
IDD
Supply current
vs Supply voltage
4
IDD
Supply current
yg
vs Free-air temperature
5
Low bias
vs Frequency
6
AVD
Large-signal differential voltage amplification
Medium bias
vs Frequency
7
High bias
vs Frequency
8
Low bias
vs Frequency
6
Phase shift
Medium bias
vs Frequency
7
High bias
vs Frequency
8
Figure 4
10
0
02
4
6
8
10
12
100
1000
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
10000
14
16
18
20
VDD – Supply Voltage – V
VO = VIC = 0.2 VDD
No Load
TA = 25°C
High-Bias Versions
Medium-Bias Versions
Low-Bias Versions
Figure 5
10
0
0
10
2030
405060
100
1000
10000
70
80
TA – Free-Air Temperature – °C
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
VDD = 10 V
VIC = 0 V
VO = 2 V
No Load
High-Bias Versions
Medium-Bias Versions
Low-Bias Versions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com