Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC25L2ACD Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC25L2ACD
Description  LinCMOS田?DUAL OPERATIONAL AMPLIFIERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC25L2ACD Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC25L2ACD Datasheet HTML 4Page - Texas Instruments TLC25L2ACD Datasheet HTML 5Page - Texas Instruments TLC25L2ACD Datasheet HTML 6Page - Texas Instruments TLC25L2ACD Datasheet HTML 7Page - Texas Instruments TLC25L2ACD Datasheet HTML 8Page - Texas Instruments TLC25L2ACD Datasheet HTML 9Page - Texas Instruments TLC25L2ACD Datasheet HTML 10Page - Texas Instruments TLC25L2ACD Datasheet HTML 11Page - Texas Instruments TLC25L2ACD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TLC252, TLC252A, TLC252B, TLC252Y, TLC25L2, TLC25L2A, TLC25L2B
TLC25L2Y, TLC25M2, TLC25M2A, TLC25M2B, TLC25M2Y
LinCMOS
 DUAL OPERATIONAL AMPLIFIERS
SLOS002I – JUNE 1983 – REVISED MARCH 2001
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLC252C, TLC252AC,
TLC252BC
UNIT
A
MIN
TYP
MAX
25
°C
3.6
VI(PP) = 1 V
0
°C
4
SR
Slew rate at unity gain
RL = 10 kΩ,
CL = 20 pF,
()
70
°C
3
V/
µs
SR
Slew rate at unity gain
L
,
See Figure 1
L
,
25
°C
2.9
V/
µs
VI(PP) = 2.5 V
0
°C
3.1
()
70
°C
2.5
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
See Figure 2
25
°C
25
nV/
√Hz
VV
C20 F
R
100 k
Ω
25
°C
320
BOM
Maximum output-swing bandwidth
VO = VOH,
See Figure
CL = 20 pF,
RL = 100 kΩ,
0
°C
340
kHz
See Figure
70
°C
260
25
°C
1.7
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 20 pF,
See Figure 3
0
°C
2
MHz
70
°C
1.3
V10 mV
fB
C20 pF
25
°C
46
°
φm
Phase margin
VI = 10 mV,
See Figure 3
f = B1,
CL = 20 pF,
0
°C
47
°
See Figure 3
70
°C
43
°
operating characteristics, VDD = 10 V
PARAMETER
TEST CONDITIONS
TA
TLC252C, TLC252AC,
TLC252BC
UNIT
A
MIN
TYP
MAX
25
°C
5.3
VI(PP) = 1 V
0
°C
5.9
SR
Slew rate at unity gain
RL = 10 kΩ,
CL = 20 pF,
()
70
°C
4.3
V/
µs
SR
Slew rate at unity gain
L
,
See Figure 1
L
,
25
°C
4.6
V/
µs
VI(PP) = 5.5 V
0
°C
5.1
()
70
°C
3.8
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
See Figure 2
25
°C
25
nV/
√Hz
VV
C20 F
R
100 k
Ω
25
°C
200
BOM
Maximum output-swing bandwidth
VO = VOH,
See Figure 1
CL = 20 pF,
RL = 100 kΩ,
0
°C
220
kHz
See Figure 1
70
°C
140
25
°C
2.2
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 20 pF,
See Figure 3
0
°C
2.5
MHz
70
°C
1.8
V10 mV
fB
C20 pF
25
°C
49
°
φm
Phase margin
VI = 10 mV,
See Figure 3
f = B1,
CL = 20 pF,
0
°C
50
°
See Figure 3
70
°C
46
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com