Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC25L2ACD Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC25L2ACD
Description  LinCMOS田?DUAL OPERATIONAL AMPLIFIERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC25L2ACD Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC25L2ACD Datasheet HTML 11Page - Texas Instruments TLC25L2ACD Datasheet HTML 12Page - Texas Instruments TLC25L2ACD Datasheet HTML 13Page - Texas Instruments TLC25L2ACD Datasheet HTML 14Page - Texas Instruments TLC25L2ACD Datasheet HTML 15Page - Texas Instruments TLC25L2ACD Datasheet HTML 16Page - Texas Instruments TLC25L2ACD Datasheet HTML 17Page - Texas Instruments TLC25L2ACD Datasheet HTML 18Page - Texas Instruments TLC25L2ACD Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
TLC252, TLC252A, TLC252B, TLC252Y, TLC25L2, TLC25L2A, TLC25L2B
TLC25L2Y, TLC25M2, TLC25M2A, TLC25M2B, TLC25M2Y
LinCMOS
 DUAL OPERATIONAL AMPLIFIERS
SLOS002I – JUNE 1983 – REVISED MARCH 2001
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VDD = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLC252Y
TLC25L2Y
TLC25M2Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 1.4 V,
RS = 50 Ω,
VIC = 0 V,
See Note 6
1.1
10
1.1
10
1.1
10
mV
αVIO
Average temperature
coefficient of input
offset voltage
1.8
1.1
1.7
µV/°C
IIO
Input offset current
(see Note 4)
VO = VDD/2, VIC = VDD/2
0.1
60
0.1
60
0.1
60
pA
IIB
Input bias current
(see Note 4)
VO = VDD/2, VIC = VDD/2
0.6
60
0.6
60
0.6
60
pA
VICR
Common-mode input
voltage range
(see Note 5)
– 0.2
to
4
– 0.3
to
4.2
– 0.2
to
4
– 0.3
to
4.2
– 0.2
to
4
– 0.3
to
4.2
V
VOH
High-level output
voltage
VID = 100 mV, See Note 6
3.2
3.8
3.2
4.1
3.2
3.9
V
VOL
Low-level output
voltage
VID = – 100 mV, IOL = 0
0
50
0
50
0
50
mV
AVD
Large-signal
differential voltage
amplification
VO = 0.25 V, See Note 6
5
23
50
700
25
170
V/mV
CMRR
Common-mode
rejection ratio
VIC = VICRmin
65
80
65
94
65
91
dB
kSVR
Supply-voltage
rejection ratio
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
65
95
70
97
70
93
dB
IDD
Supply current
VO = VDD/2,
VIC = VDD/2, No load
1.4
3.2
0.02
0.034
0.21
0.56
mA
operating characteristics, VDD = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLC252Y
TLC25L2Y
TLC25M2Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Slew rate at
CL = 20 pF,
VI(PP) = 1 V
3.6
0.03
0.43
V/
µs
unity gain
L
,
See Note 6
I(PP)
VI(PP) = 2.5 V
2.9
0.03
0.40
V/
µs
Vn
Equivalent input
noise voltage
f = 1 kHz,
RS = 20 Ω
2.5
68
32
nV
√/Hz
BOM
Maximum output-
swing bandwidth
VO = VOH,
RL = 10 kΩ
CL = 20 pF,
320
5
55
kHz
B1
Unity-gain
bandwidth
VI = 10 mV,
CL = 20 pF
1.7
0.085
0.525
MHz
φm
Phase margin
f = B1,
CL = 20 pF
VI = 10 mV,
46
°
34
°
40
°
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.
6. For low-bias mode, RL = 1 MΩ; for medium-bias mode, RL = 100 kΩ, and for high-bias mode, RL = 10 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com