Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2810ZP Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC2810ZP
Description  LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2810ZP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC2810ZP Datasheet HTML 3Page - Texas Instruments TLC2810ZP Datasheet HTML 4Page - Texas Instruments TLC2810ZP Datasheet HTML 5Page - Texas Instruments TLC2810ZP Datasheet HTML 6Page - Texas Instruments TLC2810ZP Datasheet HTML 7Page - Texas Instruments TLC2810ZP Datasheet HTML 8Page - Texas Instruments TLC2810ZP Datasheet HTML 9Page - Texas Instruments TLC2810ZP Datasheet HTML 10Page - Texas Instruments TLC2810ZP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TLC2810Z, TLC2810Y
LinCMOS
™ PRECISION
DUAL OPERATIONAL AMPLIFIERS
SLOS120A – AUGUST 1993 – REVISED AUGUST 1994
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at VDD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLC2810Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V1 V
V1 V
10
mV
IIO
Input offset current (see Note 4)
VIC = 1 V,
RS =50 Ω
VO = 1 V,
100
pA
IIB
Input bias current (see Note 4)
RS = 50 Ω
100
pA
VICR
Common-mode input voltage range (see Note 5)
RS = 50 Ω
– 0.2
to
4
V
VOH
High level output voltage
VIC = 1 V,
VID = 100 mV,
32
V
VOH
High-level output voltage
IC
,
IOH = – 1 mA
ID
,
3.2
V
VOL
Low level output voltage
VIC = 1 V,
VID = – 100 mV,
150
mV
VOL
Low-level output voltage
IC
,
IOL = 1 mA
ID
,
150
mV
AVD
Large-signal differential voltage amplification
VO = 0.25 V to 2 V,
VIC = 1 V
RL = 10 kΩ,
5
V/mV
CMRR
Common mode rejection ratio
VO = 1 V,
VIC = VICRmin,
65
dB
CMRR
Common-mode rejection ratio
O
,
RS = 50 Ω
IC
ICR
,
65
dB
kSVR
Supply voltage rejection ratio (
∆VDD±/∆VIO)
VDD = 4 V to 16 V,
VIC = 1 V,
65
dB
kSVR
Supply-voltage rejection ratio (
∆VDD±/∆VIO)
DD
,
VO = 1 V,
IC
,
RS = 50 Ω
65
dB
IDD
Supply current
VO = 1 V,
VIC = 1 V,
32
mA
IDD
Supply current
O
No load
IC
3.2
mA
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.
operating characteristics, VDD = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLC2810Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
RL = 10 kΩ,
CL 20 pF
VI(PP) = 1 V
3.6
V/
µs
SR
Slew rate at unity gain
CL = 20 pF,
See Figure 26
VI(PP) = 2.5 V
2.9
V/
µs
V
Equivalent input noise voltage
f =1 kHz,
RS = 20 Ω,
25
nV/
√H
Vn
Equivalent input noise voltage
,
See Figure 27
S
,
25
nV/
√Hz
BOM
Maximum output-swing bandwidth
VO = VOH,
RL = 10 kΩ,
CL = 20 pF,
See Figure 26
320
kHz
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 28
CL = 20 pF,
1.7
MHz
φm
Phase margin
VI = 10 mV,
CL = 20 pF,
f = B1,
See Figure 28
46
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com