Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2810ZP Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC2810ZP
Description  LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2810ZP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC2810ZP Datasheet HTML 10Page - Texas Instruments TLC2810ZP Datasheet HTML 11Page - Texas Instruments TLC2810ZP Datasheet HTML 12Page - Texas Instruments TLC2810ZP Datasheet HTML 13Page - Texas Instruments TLC2810ZP Datasheet HTML 14Page - Texas Instruments TLC2810ZP Datasheet HTML 15Page - Texas Instruments TLC2810ZP Datasheet HTML 16Page - Texas Instruments TLC2810ZP Datasheet HTML 17Page - Texas Instruments TLC2810ZP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
TLC2810Z, TLC2810Y
LinCMOS
™ PRECISION
DUAL OPERATIONAL AMPLIFIERS
SLOS120A – AUGUST 1993 – REVISED AUGUST 1994
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
10
100
1 k
10 k
100 k
1 M
10 M
f – Frequency – Hz
0
°
30
°
60
°
90
°
120
°
150
°
180
°
10 6
10 5
10 4
10 3
10 2
10 1
1
AVD
Phase Shift
10 7
0.1
VDD = 5 V
RL = 10 kΩ
CL = 20 pF
TA = 25°C
Figure 21
Figure 22
0
VDD – Supply Voltage – V
53
°
16
2
4
6
8
10
12
14
51
°
45
°
PHASE MARGIN
vs
SUPPLY VOLTAGE
52
°
50
°
49
°
48
°
47
°
46
°
VI = 10 mV
RL = 10 kΩ
CL = 20 pF
TA = 25°C
Figure 23
PHASE MARGIN
vs
FREE-AIR TEMPERATURE
– 75 – 50 – 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VDD = 5 V
VI = 10 mV
RL = 10 kΩ
CL = 20 pF
150
60
°
58
°
56
°
54
°
52
°
50
°
48
°
46
°
44
°
42
°
40
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com