Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2810ZP Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC2810ZP
Description  LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2810ZP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC2810ZP Datasheet HTML 4Page - Texas Instruments TLC2810ZP Datasheet HTML 5Page - Texas Instruments TLC2810ZP Datasheet HTML 6Page - Texas Instruments TLC2810ZP Datasheet HTML 7Page - Texas Instruments TLC2810ZP Datasheet HTML 8Page - Texas Instruments TLC2810ZP Datasheet HTML 9Page - Texas Instruments TLC2810ZP Datasheet HTML 10Page - Texas Instruments TLC2810ZP Datasheet HTML 11Page - Texas Instruments TLC2810ZP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TLC2810Z, TLC2810Y
LinCMOS
™ PRECISION
DUAL OPERATIONAL AMPLIFIERS
SLOS120A – AUGUST 1993 – REVISED AUGUST 1994
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
1
αVIO
Input offset voltage temperature coefficient
Distribution
2
vs Output current
3
VOH
High-level output voltage
vs Out ut current
vs Supply voltage
3
4
OH
gg
yg
vs Free-air temperature
5
vs Common-mode input voltage
6
VOL
Low level output voltage
vs Common mode in ut voltage
vs Differential input voltage
6
7
VOL
Low-level output voltage
g
vs Free-air temperature
8
vs Low-level output current
9
vs Supply voltage
10
AVD
Large-signal differential voltage amplification
vs Su
ly voltage
vs Free-air temperature
10
11
VD
gg
g
vs Frequency
21
IIB/IIO
Input bias and offset current
vs Free-air temperature
12
VIC
Common-mode input voltage
vs Supply voltage
13
IDD
Supply current
vs Supply voltage
14
IDD
Supply current
yg
vs Free-air temperature
15
SR
Slew rate
vs Supply voltage
16
SR
Slew rate
yg
vs Free-air temperature
17
VO(PP) Maximum peak-to-peak output voltage
vs Frequency
18
B1
Gain bandwidth product
vs Free-air temperature
19
B1
Gain-bandwidth product
vs Supply voltage
20
vs Supply voltage
22
φm
Phase margin
vs Su
ly voltage
vs Free-air temperature
22
23
φm
g
vs Load capacitance
24
Vn
Equivalent input noise voltage
vs Frequency
25
Phase shift
vs Frequency
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com